Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 25Page - NXP Semiconductors PCA9421 Datasheet HTML 26Page - NXP Semiconductors PCA9421 Datasheet HTML 27Page - NXP Semiconductors PCA9421 Datasheet HTML 28Page - NXP Semiconductors PCA9421 Datasheet HTML 29Page - NXP Semiconductors PCA9421 Datasheet HTML 30Page - NXP Semiconductors PCA9421 Datasheet HTML 31Page - NXP Semiconductors PCA9421 Datasheet HTML 32Page - NXP Semiconductors PCA9421 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
1: VOUTLDO2 is OK, i.e., 110 % > VOUTLDO2 / VOUTLDO2
(nominal) > 90 %
3
RSVD
0
R
Reserved bit
2
RSVD
0
R
Reserved bit
1
RSVD
0
R
Reserved bit
0
RSVD
0
R
Reserved bit
Table 24. REG_STATUS register bit description...continued
9.5.17 Active Discharge Regulator control (ACT_DISCHARGE_CNTL, address 21h)
This register stores the control functions of the SW1, SW2, LDO1, LDO2. This is a READ AND WRITE register.
Bit
Symbol
Default value Type Function
7
RSVD
0
R/W Reserved bit
6
RSVD
0
R/W Reserved bit
5
RSVD
0
R/W Reserved bit
4
RSVD
0
R/W Reserved bit
3
nEN_SW1_BLEED 0
R/W SW1 Output Active Discharge Turn-on Control in the regulator disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
2
nEN_SW2_BLEED 0
R/W SW2 Output Active Discharge Turn-on Control in the regulator disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
1
nEN_LDO1_
BLEED
0
R/W LDO1 Output Active Discharge Turn-on Control in the regulator
disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
0
nEN_LDO2_
BLEED
0
R/W LDO2 Output Active Discharge Turn-on Control in the regulator
disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
Table 25. ACT_DISCHARGE_CNTL register bit description
9.5.18 Mode configuration mode setting 0_0 (MODECFG_0_0, address 22h)
This register contains mode setting 0, part 0 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
R/W
Reserved bit
6
EN_MODE_
SEL_BY_PIN_0
0
R/W
MODESEL0/MODESEL1 Control Selection in mode setting 0:
0: mode control by internal I2C register bits, MODE0_I2C and/or
MODE1_I2C only; signal applied on external MODESEL0/MODESEL1
pins is ignored.
Table 26. MODECFG_0_0 register bit description
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
29 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com