Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 40Page - NXP Semiconductors PCA9421 Datasheet HTML 41Page - NXP Semiconductors PCA9421 Datasheet HTML 42Page - NXP Semiconductors PCA9421 Datasheet HTML 43Page - NXP Semiconductors PCA9421 Datasheet HTML 44Page - NXP Semiconductors PCA9421 Datasheet HTML 45Page - NXP Semiconductors PCA9421 Datasheet HTML 46Page - NXP Semiconductors PCA9421 Datasheet HTML 47Page - NXP Semiconductors PCA9421 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
10 Limiting values
Symbol
Parameter
Conditions
Min
Max
Unit
VIN
-0.3
20
V
ASYS, VIN_AUX, VBAT_BKUP
-0.3
6
V
LX1, LX2
-2
6
V
SW1_OUT, SW2_OUT
-0.3
6
V
LDO1, LDO2
-0.3
6
V
SDA, SCL, MODESEL0,
MODESEL1, ON, TS, SYSRSTn,
INTB
-0.3
6
V
Voltage range
(with respect to AGND)
PGND to AGND
-0.3
0.3
V
IO(sink)
Output sink current
on pins SYSRSTn,
INTB, SDA, SCL
5
mA
Tj
Junction temperature
–40
125
°C
Table 59. Limiting values
11 ESD ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Human body model (HBM)
-
2000
V
V(ESD)
Electrostatic
discharge
Charged device model (CDM)
-
500
V
Table 60. Limiting values
12 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIN
Supply Voltage
VIN
3.3
5.5
V
VIO
Input/output voltage
SDA, SCL, MODESEL0,
MODESEL1, SYSRSTn
0
3.6
V
Tamb
Ambient Temperature
-40
85
°C
Tj
Junction Temperature
-40
125
°C
Tstg
Storage Temperature
-55
150
°C
VTS
voltage at TS pin
TS
0
5.0
V
Table 61. Recommended operating conditions
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
44 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com