Electronic Components Datasheet Search
  English  ▼

X  

PCA9421 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 3Page - NXP Semiconductors PCA9421 Datasheet HTML 4Page - NXP Semiconductors PCA9421 Datasheet HTML 5Page - NXP Semiconductors PCA9421 Datasheet HTML 6Page - NXP Semiconductors PCA9421 Datasheet HTML 7Page - NXP Semiconductors PCA9421 Datasheet HTML 8Page - NXP Semiconductors PCA9421 Datasheet HTML 9Page - NXP Semiconductors PCA9421 Datasheet HTML 10Page - NXP Semiconductors PCA9421 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
7 System configuration diagram
aaa-049419
PCA9421
VIN
ASYS
VIN_AUX
PSYS1
4.7µF/
10V
PGND1
LX1
2.2µH
SW1_OUT
PSYS2
PGND2
LX2
2.2µH
SW2_OUT
1µF/
10V
VDDCORE
LDO1_OUT
LDO2_OUT
VBAT_BKUP
OFF
ON
On-Key
button
2.2µF/
10V
AGND1 AGND2
1µF/
10V
10µF/
6.3V
2.2µF/
10V
10µF/
6.3V
0.47µF/
6.3V
Coin
battery
ON
SCL
SDA
VDD_AO1V8
Option
MODESEL0
MODESEL1
AGND3
1µF/
6.3V
2.2µF/
6.3V
SYSRSTn
INTB
R1
R1=R2=100-220kΩ
R2
PMIC_IRQN
(VDD_AO1V8)
25-Bump WLCSP, 0.4mm pitch,
2.1mm x 2.1mm
ASYS
Default:1.0V
Default:1.8V VDDIO_1,2,3,
and/or 4
Always-on
1.8V
Default:
3.3V
Note: All directions for the arrows in the
schematic are made from the PCA9421
perspective.
Short on PCB
i.MXRT
RT5xx
RT6xx
VDD1V8 and
other 1.8V power
PMIC_I2C_SCL
(VDDIO_1)
PMIC_I2C_SDA
(VDDIO_1)
VDD_AO1V8
VDDIO_1,2,3,
and/or 4
USB1_VDD3V3
and other
3V.3V power
RESETN
(VDD_AO1V8)
PMIC_MODE0
(VDD_AO1V8)
PMIC_MODE1
(VDD_AO1V8)
Option: can be removed if an
internal pull-up R is available
on i.MXRT* device
VDDIO_1
Input Supply
VBUS
GND
C1
C4
D2
E1
D1
B3
C3
E2
C2
D3
D4
E5
D5
B4
B5
A5
C5
B2
A3
A4
A2
B1
A1
If the pin is not used,
leave the pin open
If the pin is not used,
leave the pin open
If the pin is not used,
leave the pin open
MODESEL1 MODESEL0
EN_MODE_SEL_BY_PIN_x=1
Output Voltage Setting
LOW (0)
HIGH (1)
LOW (0)
LOW (0)
HIGH (1)
LOW (0)
HIGH (1)
HIGH (1)
Mode Setting 0
Mode Setting 1
Mode Setting 2
Mode Setting 3
(x can be 0, 1, 2 or 3)
MODESEL1 MODESEL0
EN_MODE_SEL_BY_PIN_x=1
Output Voltage Setting
LOW (0)
HIGH (1)
LOW (0)
LOW (0)
HIGH (1)
LOW (0)
HIGH (1)
HIGH (1)
Mode Setting 0
Mode Setting 1
Mode Setting 2
Mode Setting 3
(x can be 0, 1, 2 or 3)
Regulator Default (V)* Output Range
BUCK1
1.0
(MTP)
0.5V to 1.5V and fixed 1.8V
BUCK2
LDO1
LDO2
1.5V to 2.1V or 2.7V to 3.3V
* : Regardless of mode setting
1.7V to 1.9V
1.5V to 2.1V or 2.7V to 3.3V
Resolution
25mV
Max Current
250mA
25mV
25mV
25mV
500mA
1mA
250mA
Input Current Limit (typical): 85mA, 255mA, 425mA, 595mA, 765mA, 935mA,
1105mA, or disable
1.8
(MTP)
1.8
(MTP)
3.3
(MTP)
Regulator Default (V)* Output Range
BUCK1
1.0
(MTP)
0.5V to 1.5V and fixed 1.8V
BUCK2
LDO1
LDO2
1.5V to 2.1V or 2.7V to 3.3V
* : Regardless of mode setting
1.7V to 1.9V
1.5V to 2.1V or 2.7V to 3.3V
Resolution
25mV
Max Current
250mA
25mV
25mV
25mV
500mA
1mA
250mA
1.8
(MTP)
1.8
(MTP)
3.3
(MTP)
VIN ≤ 6V
If VIN is greater than 6V, the voltage
rating on the capacitor of 2.2µF/10V
shall be changed to a higher
voltage than a maximum voltage
in applications.
i.MXRT
RT5xx
RT6xx
10nF/
6.3V
10nF/
6.3V
E4
E3
Figure 4. System configuration diagram; i.MXRT series
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
7 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com