Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 6Page - SMSC Corporation USB97C100 Datasheet HTML 7Page - SMSC Corporation USB97C100 Datasheet HTML 8Page - SMSC Corporation USB97C100 Datasheet HTML 9Page - SMSC Corporation USB97C100 Datasheet HTML 10Page - SMSC Corporation USB97C100 Datasheet HTML 11Page - SMSC Corporation USB97C100 Datasheet HTML 12Page - SMSC Corporation USB97C100 Datasheet HTML 13Page - SMSC Corporation USB97C100 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
SMSC DS – USB97C100
Page 10
Rev. 01/03/2001
Applications
The USB97C100 enables entirely new I/O applications, as well as new form factors for existing Legacy I/O
applications. PC98 compliance encourages the elimination ofDMA, IRQ and addressing conflicts via total on-board
ISA elimination. With the USB97C100, the ISA bus can be eliminated from motherboards without sacrificing the
huge infrastructure of Legacy I/O ports. By moving these devices to the flexible USB bus, new form factors such as
monitor peripheral clusters are also possible (mouse, keyboard, serial, parallel ports in a USB connected monitor).
PC system designers are no longer constrained by the physical borders of the motherboard. The USB97C100 is
ideal for USB peripherals which require considerable bandwidth, such as floppy drives, audio, IR, etc. The following
block diagrams illustrate these applications.
TYPICAL PC MOTHERBOARD APPLICATION
South
Bridge
USB
Floppy
PS/2
Serial
Parallel
FIR
97C100
Commanche
37C67X
SIO
USB
SPKR
MIC
ISA AUDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com