Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 41Page - SMSC Corporation USB97C100 Datasheet HTML 42Page - SMSC Corporation USB97C100 Datasheet HTML 43Page - SMSC Corporation USB97C100 Datasheet HTML 44Page - SMSC Corporation USB97C100 Datasheet HTML 45Page - SMSC Corporation USB97C100 Datasheet HTML 46Page - SMSC Corporation USB97C100 Datasheet HTML 47Page - SMSC Corporation USB97C100 Datasheet HTML 48Page - SMSC Corporation USB97C100 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
SMSC DS – USB97C100
Page 45
Rev. 01/03/2001
SERIAL INTERFACE ENGINE (SIE) REGISTER DESCRIPTION
Packet Header Definition
The following header contains information to determine endpoint, status, length of the received packet, and the
payload “received data”.
Table 75 - Packet Header Definition
OFFSET
MSB 7
6
5
4
3
2
1
LSB 0
<n + 7
0x008
Payload Data Byte n-1 (n is the payload data size, which is Byte Count -8)
- For 0 Length Packet, Byte Count = 0x008
- For 1 byte Packet, Byte Count = 0x009
- For any Packet, (Byte Count-1) points to last byte of payload data
Payload Data Byte 0
0x007
0
0
0
0
0
BYTE COUNT[10..8]
0x006
BYTE COUNT[7..0]
0x005
EXTENDED FRAME COUNT[15..11]
FRAME COUNT[10..8]
0x004
FRAME COUNT[7..0]
0x003
RESERVED
0x002
0
TMP_ADDRESS[6..0]
0x001
0
0
0
0
PACKET ID[3..0]
0x000
Bad_CRC
Last_TOG
Bad_TOG
0
ENDPOINT[3..0]
Packet Description:
1.
Offset 0 to 7 is the packet header.
a)
Offset 0x000 to 0x005 is generated by the SIE.
i)
Offset 0x000 bit bit 5 - Bad_TOG- This bit is set when the SIE receives an unexpected
toggle. This is not necessarily an error condition, This bit could indicate a condition when
the return handshake packet is lost .
Last Packet Toggle Value
Current Packet Toggle Value
“BAD TOG” bit
00
1
01
0
10
0
11
1
ii)
Offset 0x000 bit Last_TOG is the last toggle bit received.
iii)
Offset 0x000 bit Bad_CRC, is set when the SIE detects a bad CRC.
b)
Offset 0x006 to 0x007 is generated by the SIEDMA.
2.
Offset 8 to n+7 is the actual data received from the USB bus and stored in memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com