Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 18Page - SMSC Corporation USB97C100 Datasheet HTML 19Page - SMSC Corporation USB97C100 Datasheet HTML 20Page - SMSC Corporation USB97C100 Datasheet HTML 21Page - SMSC Corporation USB97C100 Datasheet HTML 22Page - SMSC Corporation USB97C100 Datasheet HTML 23Page - SMSC Corporation USB97C100 Datasheet HTML 24Page - SMSC Corporation USB97C100 Datasheet HTML 25Page - SMSC Corporation USB97C100 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
SMSC DS – USB97C100
Page 22
Rev. 01/03/2001
Table 26 - Utility Configuration Register
UTIL_CONFIG
(0x7F1B- RESET=0x00)
UTILITY CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
R
Reserved
3
GPIO3/T1
R/W
P3.5 Timer 1 input trigger source
0 = GPIO3
1 = SOF FRAME write strobe
2
GPIO2/T0
R/W
P3.4 Timer 0 input trigger source
0 = GPIO2
1 = SOF FRAME write strobe
1
GPIO1/TXD
R/W
GPIO1/TXD Output Select Mux
0 = GPIO1
1 = P3.1
0
GPIO0/RXD
R/W
P3.0 RXD/GPIO0 Input Select Mux
0 = RXD<=GPIO0
1 = RXD<='0'
Notes:
In Counter mode, the 8051 must sample T[1:0] as a '1' in one instruction cycle, and then '0' in the next. So for
12MHz, the SOF Pulse must be active for at least 1us.
Missing SOF packets can be reconstructed by using the Timer mode to count the number of 8051 instruction
cycles since the last valid Frame was received.
A GPIO can be used to output nSOF pulses. This can be done by configuring a GPIO as an output and writing
to the GPIO out register to generate low pulses each time a SOF packet is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com