Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 42Page - SMSC Corporation USB97C100 Datasheet HTML 43Page - SMSC Corporation USB97C100 Datasheet HTML 44Page - SMSC Corporation USB97C100 Datasheet HTML 45Page - SMSC Corporation USB97C100 Datasheet HTML 46Page - SMSC Corporation USB97C100 Datasheet HTML 47Page - SMSC Corporation USB97C100 Datasheet HTML 48Page - SMSC Corporation USB97C100 Datasheet HTML 49Page - SMSC Corporation USB97C100 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
SMSC DS – USB97C100
Page 46
Rev. 01/03/2001
SIE Interface Registers
The architecture of the USB97C100 is such that there are no data FIFO's associated with individual endpoints. The
MMU does not differentiate packets by endpoint number. The firmware must read the endpoint number from the
packet header to pass the packet on to the appropriate endpoint handler. This makes the chip dynamic and flexible
in allocating buffers to store any payload size from 0 to 1280 bytes. Each endpoint can be configured separately via
the following register:
Table 76 - Endpoint Control Registers
EP_CTRL[15..0]
(0x7F8F-0x7F80 - RESET=0x00)
ENDPOINT CONTROL REGISTERS
BIT
NAME
R/W
DESCRIPTION
7
TX_ISO
R/W
Bit 7 instructs the SIE how to handle handshakes for transmit
endpoints during "IN" transactions, and how the SIEDMA
engine should handle packet queue status after packet
transmission. When a TX endpoint is configured for
isochronous operation (Bit 7 = '1'), all packet transmissions are
considered successful and the SIEDMA must move the packet
number into the TX Completion FIFO. When the TX endpoint is
non-isochronous (Bit 7 = '0'), then the SIE must receive a valid
ACK handshake from the host before the packet is released.
This guarantees data integrity for non-isochronous
transactions.
Successfully transmitted packets are automatically de-queued
and the packet is released.
0 = Non-Isochronous
1 = Isochronous
6
RX_ISO
R/W
Bit 6 instructs the SIE how to handle handshakes for receive
endpoints during "OUT" and "SETUP" transactions. Once a
packet matches the 7-bit Function Address, the SIE must begin
page allocation and generate a new packet in buffer RAM. The
MCU must check PID_Valid and CRC_Valid bits and dequeue
"bad" packets. The SIE will use bit 6 to inhibit handshakes
when enabled.
0 = Non-isochronous
1 = Isochronous
5,3
TX_CONT[1:0]
R/W
0,0= Endpoint is disabled, and does not send handshakes.
0,1= Send a STALL handshake for an IN transaction directed at
this EP.
1,0= Normal Operation. ACK or NAK is sent depending on
whether data is in the EPXs TX_QUEUE.
1,1= Send a NAK handshake for an IN transaction directed at
this EP, regardless of TX_QUEUE status. (Note 3)
4,2
RX_CONT[1:0]
R/W
0,0= Endpoint is disabled, and does not send handshakes.
0,1= Send a STALL handshake for an OUT transaction directed
at this EP.
1,0= Normal Operation. ACK or NAK is sent depending on
RX_OK status
1,1= Send a NAK handshake for an OUT transaction directed
at this EP (Note 1)
1
TX_TOGGLE
R/W
This bit is toggled after each successful transmission.
TX_TOGGLE can be reset or cleared by the MCU but the MCU
must insure that the endpoint is disabled before modifying
them.
0
RX_TOGGLE
R
This bit reflects the last DATA0/DATA1 toggle.
Notes:
There is one Endpoint Control Register per virtual endpoint. When the SIE decodes a token, the endpoint
number is used to index which EP_CTRL register bits should be used to respond to the SIE and SIEDMA.
This register allows firmware to throttle back RX packets to any specific endpoint(s) until the firmware decides
congestion has subsided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com