Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 34Page - SMSC Corporation USB97C100 Datasheet HTML 35Page - SMSC Corporation USB97C100 Datasheet HTML 36Page - SMSC Corporation USB97C100 Datasheet HTML 37Page - SMSC Corporation USB97C100 Datasheet HTML 38Page - SMSC Corporation USB97C100 Datasheet HTML 39Page - SMSC Corporation USB97C100 Datasheet HTML 40Page - SMSC Corporation USB97C100 Datasheet HTML 41Page - SMSC Corporation USB97C100 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
SMSC DS – USB97C100
Page 38
Rev. 01/03/2001
Table 61 - Pointer Register (High)
PRH
(0x7F51)
POINTER REGISTER (HIGH)
BIT
NAME
R/W
DESCRIPTION
7
RCV
R/W
0 = The packet at 0x6000 is the packet pointed to by the PNR
register.
1 = The packet available at 0x6000 is the packet pointed to by the
packet on the top of the RX Packet Number FIFO.
6
AUTO_INCR
R/W
0 = Auto-increment is disabled
1 = Causes the PRH:PRL register to be automatically
incremented each time the 0x6000 data window is accessed.
5
READ
R/W
Data register direction. This bit is required for the MMU/Arbiter to
provide a transparent interface to the buffer RAM for the MCU.
When first set, the MMU immediately fills the read FIFO. The
MCU must wait 2.5us (60 Arbiter clocks) after writing to the
MMU_DATA register before changing this bit from '0' to '1'.
0 = WRITE
1 = READ
[4:3]
Reserved
R
Reserved
[2:0]
A[10:8]
R/W
MSB of the (0-1277 Max) offset of the allocated Packet Pointed to
by PNR. The byte(s) pointed to by this register can be read and
written to by the MCU at 0x6000.
Note: This register must be written after PRL for its value to take effect.
Table 62 - Transmit FIFO Select Register
MMUTX_SEL
(0x7F52)
TRANSMIT FIFO SELECT REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
R
Reserved
[3:0]
EP[3:0]
R/W
This register selects which Endpoint Commands "110" and "111"
will affect when issued to the MMU
Note:
This register must be written before writing the “Enqueue Packet into Endpoint x” or the “Reset TX Endpoint
x” command to the MMUCR .
Table 63 - MMU Command Register
MMUCR
(0x7F53)
MMU COMMAND REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:5]
MMU_CMD
W
MMUCR COMMAND SET
4
Reserved
W
Reserved, writes are ignored and read return “0”
[3:0]
N[3:0]
W
Number of 128 byte Pages. N[3..0]=0000 indicates 1 page, and
N[3..0]=1001 indicates 10 pages, or 1280 bytes.
MMU COMMAND Bits 7, 6, and 5 Description:
000
NOOP, No operation
001
Allocate Memory : N3-0 specify how many 128 byte pages to allocate for that packet (up to 10
pages allowed (1280 bytes) per packet.) Immediately generates a "FAILED" code at the ARR
and the code is cleared when complete. Can generate an ALLOC interrupt to MCU upon
completion. When an allocation request cannot be completed due to insufficient memory, the
FAILED bit in the ARR will remain set. Any subsequent release of memory pages (by either
the MMUCR or the SIEDMA) will cause the MMUCR to automatically continue the allocate
command until all requested pages have been successfully allocated. Software should never
issue another allocate command until the previous allocate command has been successfully
completed.
010
RESET MMU : Frees all buffer RAM, clears interrupts, and resets queue pointers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com