Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 43Page - SMSC Corporation USB97C100 Datasheet HTML 44Page - SMSC Corporation USB97C100 Datasheet HTML 45Page - SMSC Corporation USB97C100 Datasheet HTML 46Page - SMSC Corporation USB97C100 Datasheet HTML 47Page - SMSC Corporation USB97C100 Datasheet HTML 48Page - SMSC Corporation USB97C100 Datasheet HTML 49Page - SMSC Corporation USB97C100 Datasheet HTML 50Page - SMSC Corporation USB97C100 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
SMSC DS – USB97C100
Page 47
Rev. 01/03/2001
If the firmware needs to STALL an endpoint, it should first be taken off-line by setting RX_CONT1=0, and then
RX_CON0=1.
This allows firmware to manage TX endpoint(s) and hold queued data until the firmware is ready, even if the
host is asking. This is not as critical as the RX version, but it may be required for Isochronous synchronization,
as well as STALL recovery.
Table 77 - LSB FRAME Count Register
FRAMEL
0x7F90 Reset 0x00
FRAME COUNT REGISTER (LOW)
BIT
NAME
R/W
DESCRIPTION
[7:0]
FRAME[7:0]
R
The 11 bit Frame Number from each SOF packet is loaded with
the RISING edge of EOT when SOF_TOKEN = '1' and ACK = '1'.
Note:
This register is always the last correctly received valid SOF Frame number. Garbled and invalid SOF tokens
do not alter this register.
Table 78 - MSB FRAME Count Register
FRAMEH
0x7F91 Reset 0x00
FRAME COUNT REGISTER (HIGH)
BIT
NAME
R/W
DESCRIPTION
[7:3]
EXT_FR[15:11]
R
Extended Frame Count.
The extended count bits are loaded with the RISING edge of
EOT when SOF_TOKEN = '1' and ACK = '1'. The extended
Frame count bit must also be enabled (EN_EXTFRAME = '1' in
SIE_CONFIG).
[2:0]
FRAME[10:8]
R
Frame Number from each SOF packet is loaded with the
RISING edge of EOT when SOF_TOKEN = '1' and ACK = '1'.
Note:
This register is always the last correctly received valid SOF Frame number. Garbled and invalid SOF tokens
do not alter this register.
Table 79 - Local Address Register
SIE_ADDR
(0x7F92 RESET=0x00)
LOCAL ADDRESS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
RX_ALL
R/W
1 = Overrides the token address decoding of the SIE such
that no compare is done. Token CRC is also ignored when
RX_ALL=1. This bit forces all packets transmitted on the wire
to be received in the RX Packet Queue
[6:0]
ADDR[6:0]
R/W
This register is only written by the 8051. It is the SIE's local
address assigned during enumeration. This SIE address
allows Endpoints 0 through 3 to be available. This address
can be used for the HUB address.
Note:
When RX_ALL is enabled, software should not enable any TX endpoints as they will respond to any
Address with the same endpoint and possibly cause contention on the line. Software should also set each
RX endpoint RX_ISO bit to prevent handshakes from being sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com