Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 5 Page - SMSC Corporation

  USB97C100 Datasheet HTML 1Page - SMSC Corporation USB97C100 Datasheet HTML 2Page - SMSC Corporation USB97C100 Datasheet HTML 3Page - SMSC Corporation USB97C100 Datasheet HTML 4Page - SMSC Corporation USB97C100 Datasheet HTML 5Page - SMSC Corporation USB97C100 Datasheet HTML 6Page - SMSC Corporation USB97C100 Datasheet HTML 7Page - SMSC Corporation USB97C100 Datasheet HTML 8Page - SMSC Corporation USB97C100 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
SMSC DS – USB97C100
Page 5
Rev. 01/03/2001
DESCRIPTION OF PIN FUNCTIONS
Table 1 - USB97C100 Pin Configuration
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
ISA INTERFACE
100
READY
Channel is ready when high.
ISA memory or slave devices use this signal to lengthen a bus
cycle from the default time. Extending the length of the bus
cycle can only be done when the bus cycles are derived from
the Internal DMA controller core. 8051 MCU generated Memory
or I/O accesses cannot and will not be extended even if
READY is asserted low by an external ISA slave device. The
external slave device negates this signal after decoding a valid
address and sampling the command signals (nIOW, nIOR,
nMEMW, and nMEMR). When the slave’s access has
completed, this signal should be allowed to float high.
IP
104, 106,
108, 110
DRQ[3:0]
DMA Request channels 3-0; active high.
These signals are used to request DMA service from the DMA
controller. The requesting device must hold the request signal
until the DMA controller drives the appropriate DMA
acknowledge signal (nDACK[3:0]).
I
105, 107,
109, 111
nDACK
[3:0]
DMA Acknowledge channels 3-0; active low.
These signals are used to indicate to the DMA requesting
device that it has been granted the ISA bus.
O8
103
TC
DMA Terminal Count; active high.
This signal is used to indicate that a DMA transfer has
completed.
O8
19-13,
127-7,
9-12
SA[19:0]
System Address Bus
These signals address memory or I/O devices on the ISA bus.
O8
112-115,
117-120
SD[7:0]
System Data Bus
These signals are used to transfer data between system
devices.
I/O8
122
AEN
Address Enable
This signal indicates address validation to I/O devices. When
low this signal indicates that an I/O slave may respond to
addresses and I/O commands on the bus. This signal is high
during DMA cycles to prevent I/O slaves from interpreting DMA
cycles as valid I/O cycles.
O8
123
nIOW
I/O Write; active low.
This signal indicates to the addressed ISA I/O slave to latch
data from the ISA bus.
O8
124
nIOR
I/O Read; active low.
This signal indicates to the addressed ISA I/O slave to drive
data on the ISA bus.
O8
125
nMEMR
Memory read; active low
This signal indicates to the addressed ISA memory slave to
drive data on the ISA bus.
O8
126
nMEMW
Memory write; active low
This signal indicates to the addressed ISA memory slave to
latch data from the ISA bus.
O8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com