Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 63 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 56Page - SMSC Corporation USB97C100 Datasheet HTML 57Page - SMSC Corporation USB97C100 Datasheet HTML 58Page - SMSC Corporation USB97C100 Datasheet HTML 59Page - SMSC Corporation USB97C100 Datasheet HTML 60Page - SMSC Corporation USB97C100 Datasheet HTML 61Page - SMSC Corporation USB97C100 Datasheet HTML 62Page - SMSC Corporation USB97C100 Datasheet HTML 63Page - SMSC Corporation USB97C100 Datasheet HTML 64Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
SMSC DS – USB97C100
Page 63
Rev. 01/03/2001
MECHANICAL OUTLINE
FIGURE 19 - 128 PIN QFP PACKAGE OUTLINE
E1
E
D1
D
W
3) Package body dimensions D1 and E1 do not include the mold protrusion. Maximum
mold protrusion is 0.25 mm.
Notes:
1) Coplanarity is 0.08 mm or 3.2 mils maximum.
2) Tolerance on the position of the leads is 0.080 mm maximum.
4) Dimensions for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5) Details of pin 1 identifier are optional but must be located within the zone indicated.
6) Controlling dimension: millimeter
3
3
e
2
D1/4
E1/4
5
39
38
64
65
102
103
128
1
L1
L
DETAIL "A"
R1
R2
4
0
0.10
-C-
H
A
A1
A2
1
SEE DETAIL "A"
0
A
A1
A2
D
D1
E
E1
H
MIN
0.05
2.55
23.65
19.9
17.65
13.9
NOM
23.9
20
17.9
14
MAX
3.4
0.5
3.05
24.15
20.1
18.15
14.1
NOM
0.8
1.95
L
L1
e
0
W
R1
R2
MIN
0.65
0
0.1
0.13
0.13
MAX
0.95
7
0.3
0.3
0.5BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com