Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 37Page - SMSC Corporation USB97C100 Datasheet HTML 38Page - SMSC Corporation USB97C100 Datasheet HTML 39Page - SMSC Corporation USB97C100 Datasheet HTML 40Page - SMSC Corporation USB97C100 Datasheet HTML 41Page - SMSC Corporation USB97C100 Datasheet HTML 42Page - SMSC Corporation USB97C100 Datasheet HTML 43Page - SMSC Corporation USB97C100 Datasheet HTML 44Page - SMSC Corporation USB97C100 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
SMSC DS – USB97C100
Page 41
Rev. 01/03/2001
Table 68 - Receive Packet Number FIFO Register
RXFIFO
(0x7F58)
NEXT RX PACKET NUMBER FIFO REGISTER
BIT
NAME
R/W
DESCRIPTION
7
RXFIFO_EMPT
Y
R
1 = No pending packets from the host to be processed
6
RXFIFO_FULL
R
1 = The SIEDMA will not accept packets from the host (via RX
Overflow)
5
Reserved
R
Reserved
[4:0]
P[4:0]
R
Packet Number
When a packet has been received, and the 8-byte header has
been written by the SIEDMA, the associated Packet Number is
placed in this FIFO
A "complete" reception requires that the 8 byte status header is correctly written into the packet buffer, with the
correct data, and moved into the RX Packet Number FIFO. A "successful" reception requires that the CRC and PID
check bits of a
"complete" reception are good. The hardware queues only "complete" packets. Firmware must
determine if "complete" packets were "successful". Corrupted token packets causes the complete data payload to
be ignored.
Tx FIFO POP Register
This register is used to help software manage TX Queues.
This will provide a method to handle a
CLEAR_FEATURE:ENDPOINT_STALL” condition gracefully.
When read, this register will return the Packet
Number of the next packet waiting on the TX queue pointed to by MMUTX_SEL register, AND it will pop that Packet
Number off of the selected TX FIFO.
Table 69 - POP TX FIFO
POP_TX
(0x7F59 – RESET=0x80)
POP TX FIFO
BIT
NAME
R/W
DESCRIPTION
7
POPTX_STAT
R
POP TX FIFO empty status
0 = Has one or more TX packet
1 = Empty
[6:5]
Reserved
R
Reserved
[4:0]
POP_TX
R
This 5 bit value is the packet number or handle that is at the top of
the TX FIFO pointer to by MMUTX_SEL. The TX FIFO is popped
when this register is read.
Note: It is the software's responsibility to ensure that the appropriate TX EP is disabled during this operation, and to
issue a deallocate command if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com