Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 36Page - SMSC Corporation USB97C100 Datasheet HTML 37Page - SMSC Corporation USB97C100 Datasheet HTML 38Page - SMSC Corporation USB97C100 Datasheet HTML 39Page - SMSC Corporation USB97C100 Datasheet HTML 40Page - SMSC Corporation USB97C100 Datasheet HTML 41Page - SMSC Corporation USB97C100 Datasheet HTML 42Page - SMSC Corporation USB97C100 Datasheet HTML 43Page - SMSC Corporation USB97C100 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
SMSC DS – USB97C100
Page 40
Rev. 01/03/2001
MMU Free Pages Register
MMU Free Pages bits, and a global NAK_ALLRX (this can only NACK OUT and Bulk packets) control bit for the
firmware to view the real time status of the 32 page allocation bits. This allows the MCU to set NAK_ALLRX which
would inhibit the SIE from asking the SIEDMA to allocate packets, MCU checks how many pages are left, issue an
allocate if enough are free, and then release the SIE/SIEDMA. For the current design, the number of free pages
would range from 0x00 to 0x1F (32) pages left unallocated.
The indication of pages free may be invalid during an allocation or deallocation.
Table 66 - Pages Free In The MMU
PAGS_FREE
(0x7F56 - RESET=0x20)
PAGES FREE IN THE MMU
BIT
NAME
R/W
DESCRIPTION
7
NAK_ALLRX
R/W
NACK All received packets
0 = Normal Operation (Default)
1 = NACK all RX packets
6
Reserved
0
Reserved
[5:0]
PAGS_FREE
R
These bits indicate the number of free pages in the MMU.
Notes:
Firmware can set a NAK_ALLRX bit to inhibit the SIE from asking the SIEDMA to allocate any pages while the
MCU is observing the page free bits.
This register is used to indicate how many pages are left in many situations, including after an RX_OVRN,
before a multi-packet allocation, etc. This eliminates the possibility of a failed allocation, simplifying software
without adding additional hardware to abort an allocation.
16 BYTE DEEP TX COMPLETION FIFO REGISTER
Table 67 - TX Management Register 2
TX_MGMT
(0x7F57 - RESET=0x80)
TX Management Register
BIT
NAME
R/W
DESCRIPTION
7
CTX_EMTY
R
Completed TX FIFO empty status
0 = Has one or more TX packet
1 = Empty
6
CTX_FULL
R
Completed TX FIFO full status
0 = Not FULL
1 = FULL
5
Reserved
R
Reserved
[4:0]
CTX_FIFO
R
This is the data port for the 16 deep TX completion FIFO. This
FIFO is automatically updated by hardware with the last
successfully completed transmit packet. It is the responsibility of
software to ensure that this FIFO never overflows and/or becomes
full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com