Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 27Page - SMSC Corporation USB97C100 Datasheet HTML 28Page - SMSC Corporation USB97C100 Datasheet HTML 29Page - SMSC Corporation USB97C100 Datasheet HTML 30Page - SMSC Corporation USB97C100 Datasheet HTML 31Page - SMSC Corporation USB97C100 Datasheet HTML 32Page - SMSC Corporation USB97C100 Datasheet HTML 33Page - SMSC Corporation USB97C100 Datasheet HTML 34Page - SMSC Corporation USB97C100 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
SMSC DS – USB97C100
Page 31
Rev. 01/03/2001
Runtime Registers
The DMA controller has a block of 16 R/W registers which normally occupy I/O locations 0x00-0x0F on the ISA bus.
When they are located at 0x0000-0x000F on the ISA bus, the 8051 can access them by programming the IOBASE
Register to 0x00, and reading or writing from 0x4000-0x400F.
Table 39 - 8237 Registers in ISA I/O Space
0x0000
Channel 0: Current Address H/L
0x0001
Channel 0: Byte Count H/L
0x0002
Channel 1: Current Address H/L
0x0003
Channel 1: Byte Count H/L
0x0004
Channel 2: Current Address H/L
0x0005
Channel 2: Byte Count H/L
0x0006
Channel 3: Current Address H/L
0x0007
Channel 3: Byte Count H/L
0x0008
Status/Command Register
0x0009
Write Request Register
0x000A
Write Single Mask Register
0x000B
Write Mode Register
0x000C
Clear Byte Ptr F/F - Read Temp
Register
0x000D
Master Clear
0x000E
Clear Mask
0x000F
Write All Mask Bits
Note: To write to these registers, HLDA must be logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com