Electronic Components Datasheet Search
  English  ▼

X  

USB97C100 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 2Page - SMSC Corporation USB97C100 Datasheet HTML 3Page - SMSC Corporation USB97C100 Datasheet HTML 4Page - SMSC Corporation USB97C100 Datasheet HTML 5Page - SMSC Corporation USB97C100 Datasheet HTML 6Page - SMSC Corporation USB97C100 Datasheet HTML 7Page - SMSC Corporation USB97C100 Datasheet HTML 8Page - SMSC Corporation USB97C100 Datasheet HTML 9Page - SMSC Corporation USB97C100 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
SMSC DS – USB97C100
Page 6
Rev. 01/03/2001
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
102
nMASTER
External Bus master, active low
This signal forces the USB97C100 to immediately tri-state its
external bus, even if internal transactions are not complete. All
shared ISA signals are tri-stated, except 8237 nDACKs, which
can be used in gang mode to provide external bus-master
handshaking. This pin must be used with some handshake
mechanism to avoid data corruption.
IP
21-24
IRQ[3:0]
Interrupt Request 3-0; active high
These signals are driven by ISA devices on the ISA bus to
interrupt the 8051.
I
30
XTAL1/
Clock In
24MHz Crystal or clock input.
This pin can be connected to one terminal of the crystal or can
be connected to an external clock when a crystal is not used.
ICLKx
31
XTAL2
24MHz Crystal
This is the other terminal of the crystal.
OCLKx
99
EXTCLK
Alternate clock to 8237
An external clock can be used for the internal 8237. This clock
can be used to synchronize the 8237 to other devices.
ICLK
33
CLKOUT
Clock output.
This clock frequency is the same as the 8051 running clock.
This clock is stopped when the 8051 is stopped. Peripherals
should not use this clock when they are expected to run when
the 8051 is stopped. This clock can be used to synchronize
other devices to the 8051.
O8
USB INTERFACE
77, 79
USBD-
USDB+
USB Upstream Connection signals
These are two point-to-point signals and driven differentially.
IO-U
FLASH INTERFACE
45-52
FD[7:0]
Flash ROM Data Bus
These signals are used to transfer data between 8051 and the
external FLASH.
IO8
75, 74, 68,
65, 64, 69,
70, 63, 73,
43, 72, 71,
62-58,
56-54
FA[19:0]
Flash ROM Address Bus
These signals address memory locations within the FLASH.
O8
42
nFRD
Flash ROM Read; active low
O8
66
nFWR
Flash ROM Write; active low
O8
44
nFCE
Flash ROM Chip Select; active low
O8
98
FALE
Flash ROM address latch enable
O8
POWER SIGNALS
25,57,76
101,121
VCC
+3.3V power or 5V
78
VCC3.3
+3.3V power for USB
8, 20, 32,
53, 67, 80,
97, 116
GND
Ground Reference
MISCELLANEOUS
41-34
GPIO[7:0]
General Purpose I/O.
These pins can be configured as inputs or outputs under
software control.
I/O16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com