Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 30Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 31Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
$00C8 – $00CF
Serial Communications Interface 0 (SCI0)
8
$00D0 – $00D7
Reserved
8
$00D8 – $00DF
Serial Peripheral Interface (SPI)
8
$00E0 – $00FF
Pulse Width Modulator 8-bit 6 channels (PWM)
32
$0100 – $010F
Flash control registers
16
$0110 – $011B
EEPROM control registers
12
$011C – $011F
Reserved
4
$0120 – $0137
Liquid Crystal Display Driver 32x4 (LCD)
24
$0140 – $017F
Motorola Scalable Controller Area Network 0 (MSCAN0)
64
$0180 – $01BF
Motorola Scalable Controller Area Network 1 (MSCAN1)
64
$01C0 – $01FF
Motor Control Module (MC)
64
$0200 – $027F
Port Integration Module (PIM)
128
$0280 – $03FF
Reserved
384
$0000 – $07FF
EEPROM array
2048
$1000 – $3FFF
RAM array
12288
$4000 – $7FFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at start
16384
$8000 – $BFFF
Flash EEPROM Page Window
16384
$C000 – $FFFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at end
and 256 bytes of Vector Space at $FF80 – $FFFF
16384
Table 1-2 Device Memory Map MC9S12H128
Address
Module
Size
(Bytes)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com