Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 80Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 81Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 82Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 83Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 84Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 85Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 86Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 87Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
There are two Serial Communications Interfaces (SCI0 and SCI1) implemented on the MC9S12H256
device and one SCI (SCI0) on MC9S12H128. Consult the SCI Block User Guide for information about
each Serial Communications Interface module.
Section 12 Serial Peripheral Interface (SPI) Block
Description
Consult the SPI Block User Guide for information about the Serial Peripheral Interface module.
Section 13 Pulse Width Modulator (PWM) Block
Description
Consult the PWM_8B6C Block User Guide for information about the Pulse Width Modulator module.
Section 14 Flash EEPROM 256K Block Description
Consult the FTS256K Block User Guide for information about the flash module.
Section 15 EEPROM 4K Block Description
Consult the EETS4K Block User Guide for information about the EEPROM module.
Section 16 RAM Block Description
The RAM module does not contain any control registers. Thus no Block User Guide is available.
This module supports single-cycle misaligned word accesses without wait states.
Section 17 Liquid Crystal Display Driver (LCD) Block
Description
Consult the LCD_32F4B Block User Guide for information about the Liquid Crystal Display Driver
module.
Section 18 MSCAN Block Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com