Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 90Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
The total power dissipation can be calculated from:
PIO is the sum of all output currents on I/O ports associated with VDDX1,2 and VDDM1,2,3.
A.1.9 I/O Characteristics
This section describes the characteristics of all 5V I/O pins. All parameters are not always applicable, e.g.
not all pins feature pull up/down resistances.
Table A-5 Thermal Package Characteristics1
NOTES:
1. The values for thermal resistance are achieved by package simulations
Num C
Rating
Symbol
Min
Typ
Max
Unit
1T Thermal Resistance LQFP112, single sided PCB2
2. PC Board according to EIA/JEDEC Standard 51-2
θ
JA
––
54
oC/W
2T
Thermal Resistance LQFP112, double sided PCB
with 2 internal planes3
3. PC Board according to EIA/JEDEC Standard 51-7
θ
JA
––
41
oC/W
3
T Thermal Resistance LQFP 144, single sided PCB
θ
JA
––
45
oC/W
4T
Thermal Resistance LQFP 144, double sided PCB
with 2 internal planes
θ
JA
––
37
oC/W
T
J
T
A
P
D
Θ
JA
•
()
+
=
T
J
Junction Temperature, [
°C ]
=
T
A
Ambient Temperature, [
°C ]
=
P
D
Total Chip Power Dissipation, [W]
=
Θ
JA
Package Thermal Resistance, [
°C/W]
=
P
D
P
INT
P
IO
+
=
P
INT
Chip Internal Power Dissipation, [W]
=
P
INT
I
DDR
V
DDR
⋅
I
DDA
V
DDA
⋅
+
=
P
IO
R
DSON
i
∑
I
IO
i
2
⋅
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com