Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Table A-6 5V I/O Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input High Voltage
V
IH
0.65*VDD5
–
VDD5 + 0.3
V
2
P Input Low Voltage
V
IL
VSS5 – 0.3
–
0.35*VDD5
V
3
C Input Hysteresis
V
HYS
250
mV
4P
Input Leakage Current except PU, PV, PW (pins in
high impedance input mode)1
V
in
= V
DD5
or V
SS5
I
in
–1.0
–
1.0
µA
5P
Input Leakage Current PU, PV, PW (pins in high
impedance input mode)2
V
in
= V
DD5
or V
SS5
I
in
–2.5
–
2.5
µA
6P
Output High Voltage (pins in output mode, except PU,
PV and PW)
Partial Drive IOH = –1.0mA
Full Drive IOH = –10mA
V
OH
VDD5 – 0.8
––
V
7P
Output Low Voltage (pins in output mode except PU,
PV and PW)
Partial Drive IOL = +1.0mA
Full Drive IOL = +10mA
V
OL
–
–
0.8
V
8P
Output High Voltage (pins PU, PV and PW in output
mode) IOH = –20mA
V
OH
VDD5 – 0.32 VDD5 – 0.2
–V
9P
Output Low Voltage (pins PU, PV and PW in output
mode) IOL = +20mA
V
OL
–
.2
0.32
V
10
P
Output Rise Time (pins PU, PV and PW in output
mode with slew control enabled) VDD5=5V,
Rload=1KΩ, 10% to 90% of VOH
tr
60
100
130
ns
11
P
Output Fall Time (pins PU, PV and PW in output
mode with slew control enabled) VDD5=5V,
Rload=1KΩ, 10% to 90% of VOH
tf
60
100
130
ns
12
P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
–
–
–130
µA
13
P
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
–10
–
–
µA
14
P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
–
–
130
µA
15
P
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
10
–
–
µA
16
D Input Capacitance
Cin
6–
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com