Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 57Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 58Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 59Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 60Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 61Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 62Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 63Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 64Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.9 PB[7:0] / FP[7:0] / ADDR[7:0] / DATA[7:0] — Port B I/O Pins
PB7-PB0 are general purpose input or output pins. They can be configured as frontplane segment driver
outputs FP7-FP0 of the LCD. In MCU expanded modes of operation, these pins are used for the
multiplexed external address and data bus.
2.3.10 PE7 / FP22 / XCLKS / NOACC — Port E I/O Pin 7
PE7 is a general purpose input or output pin. It can be configured as frontplane segment driver output FP22
of the LCD module. The XCLKS signal selects between an external clock or oscillator configuration
during reset.
The XCLKS input selects between an external clock or oscillator configuration. The state of this pin is
latched at the rising edge of RESET. If the input is a logic high the EXTAL pin is configured for an
external clock drive. If input is a logic low an oscillator circuit is configured on EXTAL and XTAL. Since
this pin is an input with a pull-down device during reset, if the pin is left floating, the default configuration
is an oscillator circuit on EXTAL and XTAL.
During MCU expanded modes of operation, the NOACC signal, when enabled, is used to indicate that the
current bus cycle is an unused or “free” cycle. This signal will assert when the CPU is not using the bus.
2.3.11 PE6 / MODB / IPIPE1 — Port E I/O Pin 6
PE6 is a general purpose input or output pin. It is used as a MCU operating mode select pin during reset.
The state of this pin is latched to the MODB bit at the rising edge of RESET. This pin is shared with the
instruction queue tracking signal IPIPE1. This pin is an input with a pull-down device which is only active
when RESET is low.
2.3.12 PE5 / MODA / IPIPE0 — Port E I/O Pin 5
PE5 is a general purpose input or output pin. It is used as a MCU operating mode select pin during reset.
The state of this pin is latched to the MODA bit at the rising edge of RESET. This pin is shared with the
instruction queue tracking signal IPIPE0. This pin is an input with a pull-down device which is only active
when RESET is low.
2.3.13 PE4 / ECLK — Port E I/O Pin 4
PE4 is a general purpose input or output pin. It can be configured to drive the internal bus clock ECLK.
ECLK can be used as a timing reference.
2.3.14 PE3 / FP21 / LSTRB / TAGLO — Port E I/O Pin 3
PE3 is a general purpose input or output pin. It can be configured as frontplane segment driver output FP21
of the LCD module. In MCU expanded modes of operation, LSTRB is used for the low-byte strobe
function to indicate the type of bus access and when instruction tagging is on, TAGLO is used to tag the
low half of the instruction word being read into the instruction queue.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com