Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 58Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 59Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 60Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 61Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 62Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 63Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 64Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 65Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3.15 PE2 / FP20 / R/W — Port E I/O Pin 2
PE2 is a general purpose input or output pin. It can be configured as frontplane segment driver output FP20
of the LCD module. In MCU expanded modes of operations, this pin performs the read/write output signal
for the external bus. It indicates the direction of data on the external bus.
2.3.16 PE1 / IRQ — Port E Input Pin 1
PE1 is a general purpose input pin and also the maskable interrupt request input that provides a means of
applying asynchronous interrupt requests. This will wake up the MCU from STOP or WAIT mode.
2.3.17 PE0 / XIRQ — Port E Input Pin 0
PE0 is a general purpose input pin and also the non-maskable interrupt request input that provides a means
of applying asynchronous interrupt requests. This will wake up the MCU from STOP or WAIT mode.
2.3.18 PH[7:0] / KWH[7:0] — Port H I/O Pins [7:0]
PH7-PH0 are general purpose input or output pins. They can be configured to generate an interrupt causing
the MCU to exit STOP or WAIT mode.
NOTE:
These pins are not available in the 112-pin LQFP version.
2.3.19 PJ[3:0] / KWJ[3:0] — Port J I/O Pins [3:0]
PJ3-PJ0 are general purpose input or output pins. They can be configured to generate an interrupt causing
the MCU to exit STOP or WAIT mode.and are shared with the interrupt function.
NOTE:
These pins are not available in the 112-pin LQFP version.
2.3.20 PK7 / FP23 / ECS / ROMONE — Port K I/O Pin 7
PK7 is a general purpose input or output pin. It can be configured as frontplane segment driver output FP23
of the LCD module. During MCU expanded modes of operation, this pin is used as the emulation chip
select signal (ECS). During reset of the MCU to normal expanded modes of operation, this pin is used to
enable the Flash EEPROM memory in the memory map (ROMONE). At the rising edge of RESET, the
state of this pin is latched to the ROMON bit.
2.3.21 PK[3:0] / BP[3:0] / XADDR[17:14] — Port K I/O Pins [3:0]
PK3-PK0 are general purpose input or output pins. They can be configured as backplane segment driver
outputs BP3-BP0 of the LCD module. In MCU expanded modes of operation, these pins provide the
expanded address XADDR[17:14] for the external bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com