Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 63Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 64Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 65Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 66Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 67Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.4.3 VDD1, VSS1, VSS2 — Core Power Pins
VDD1, VSS1 and VSS2 are the core power and ground pins and related to the voltage regulator output.
These pins serve as connection points for filter capacitors. VSS1 and VSS2 are internally connected.
NOTE:
No load allowed except for bypass capacitors.
2.4.4 VDDA, VSSA — Power Supply Pins for ATD and VREG
VDDA, VSSA are the power supply and ground pins for the voltage regulator and the analog to digital
converter.
2.4.5 VDDM1, VDDM2, VDDM3 — Power Supply Pins for Motor 0 to 5
VDDM1, VDDM2 and VDDM3 are the supply pins for the ports U,V and W. VDDM1, VDDM2 and
VDDM3 are internally connected.
2.4.6 VSSM1, VSSM2, VSSM3 — Ground Pins for Motor 0 to 5
VSSM1, VSSM2 and VSSM3 are the ground pins for the ports U,V and W. VSSM1, VSSM2 and VSSM3
are internally connected.
2.4.7 VLCD — Power Supply Reference Pin for LCD driver
VLCD is the voltage reference pin for the LCD driver. Adjusting the voltage on this pin will change the
display contrast.
2.4.8 VRH, VRL — ATD Reference Voltage Input Pins
VRH and VRL are the voltage reference pins for the analog to digital converter.
2.4.9 VDDPLL, VSSPLL — Power Supply Pins for PLL
VDDPLL and VSSPLL are the PLL supply pins and serve as connection points for external loop filter
components.
NOTE:
No load allowed except for bypass capacitors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com