Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 13Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 14Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 15Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 16Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Section 1 Introduction
1.1 Overview
The MC9S12H256 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
peripherals including a 16-bit central processing unit (HCS12 CPU), 256K bytes of Flash EEPROM, 12K
bytes of RAM, 4K bytes of EEPROM, two asynchronous serial communications interfaces (SCI), a serial
peripheral interface (SPI), an IIC-bus interface (IIC), an 8-channel 16-bit timer (TIM), a 16-channel, 10-bit
analog-to-digital converter (ATD), a six-channel pulse width modulator (PWM), and two CAN 2.0 A, B
software compatible modules (MSCAN).
The MC9S12H128 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
peripherals including a 16-bit central processing unit (HCS12 CPU), 128K bytes of Flash EEPROM, 6K
bytes of RAM, 2K bytes of EEPROM, one asynchronous serial communications interface (SCI), a serial
peripheral interface (SPI), an IIC-bus interface (IIC), an 8-channel 16-bit timer (TIM), a 8-channel, 10-bit
analog-to-digital converter (ATD), a two-channel pulse width modulator (PWM), and two CAN 2.0 A, B
software compatible modules (MSCAN).
In addition, it features a 32x4 liquid crystal display (LCD) controller/driver and a motor pulse width
modulator (MC) consisting of 24 high current outputs suited to drive up to 6 stepper motors. System
resource mapping, clock generation, interrupt control, and bus interfacing are managed by the HCS12
Core.
The MC9S12H256 has full 16-bit data paths throughout. The inclusion of a PLL circuit allows power
consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports
available in each module, 12 general purpose I/O pins are available with interrupt and wake-up capability
from STOP or WAIT mode.
1.2 Features
•
HCS12 Core
–
16-bit HCS12 CPU
i. Upward compatible with M68HC11 instruction set
ii. Interrupt stacking and programmer’s model identical to M68HC11
iii. 20-bit ALU
iv. Instruction queue
v. Enhanced indexed addressing
–
MEBI (Multiplexed External Bus Interface)
–
MMC (Module Mapping Control)
–
INT (Interrupt control)
–
BKP (Breakpoints)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com