Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 56Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 57Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 58Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 59Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 60Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 61Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 62Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 63Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.3 Detailed Signal Descriptions
2.3.1 EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the crystal output.
2.3.2 RESET — External Reset Pin
An active low bidirectional control signal, it acts as an input to initialize the MCU to a known start-up
state, and an output when an internal MCU function causes a reset.
2.3.3 TEST — Test Pin
This pin is reserved for test.
NOTE:
The TEST pin must be tied to VSS in all applications.
2.3.4 XFC — PLL Loop Filter Pin
Dedicated pin used to create the PLL loop filter.
2.3.5 BKGD / TAGHI / MODC — Background Debug, Tag High, and Mode Pin
The BKGD/TAGHI/MODC pin is used as a pseudo-open-drain pin for the background debug
communication. In MCU expanded modes of operation when instruction tagging is on, an input low on
this pin during the falling edge of E-clock tags the high half of the instruction word being read into the
instruction queue. It is used as a MCU operating mode select pin during reset. The state of this pin is
latched to the MODC bit at the rising edge of RESET.
2.3.6 PAD[15:8] / AN[15:8] — Port AD Input Pins [15:8]
PAD15-PAD8 are general purpose input pins and analog inputs for the analog to digital converter.
NOTE:
These pins are not available in the 112-pin LQFP version.
2.3.7 PAD[7:0] / AN[7:0] — Port AD Input Pins [7:0]
PAD7-PAD0 are general purpose input pins and analog inputs for the analog to digital converter.
2.3.8 PA[7:0] / FP[15:8] / ADDR[15:8] / DATA[15:8] — Port A I/O Pins
PA7-PA0 are general purpose input or output pins. They can be configured as frontplane segment driver
outputs FP15-FP8 of the LCD. In MCU expanded modes of operation, these pins are used for the
multiplexed external address and data bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com