Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 88Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 89Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 90Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
A.1.6 ESD Protection and Latch-up Immunity
All ESD testing is in conformity with CDF-AEC-Q100 Stress test qualification for Automotive Grade
Integrated Circuits. During the device qualification ESD stresses were performed for the Human Body
Model (HBM), the Machine Model (MM) and the Charge Device Model.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
5. Those pins are internally clamped to VSSPLL and VDDPLL.
6. This pin is clamped low to VSSPLL, but not clamped high. This pin must be tied low in applications.
Table A-2 ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series Resistance
R1
1500
Ω
Storage Capacitance
C
100
pF
Number of Pulse per pin
positive
negative
–
–
3
3
Machine
Series Resistance
R1
0
Ω
Storage Capacitance
C
200
pF
Number of Pulse per pin
positive
negative
–
–
3
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table A-3 ESD and Latch-Up Protection Characteristics
Num C
Rating
Symbol
Min
Max
Unit
1
C Human Body Model (HBM)
VHBM
2000
–
V
2
C Machine Model (MM)
VMM
200
–
V
3
C Charge Device Model (CDM)
VCDM
500
–
V
4C
Latch-up Current at TA = 125°C
positive
negative
ILAT
+100
–100
–mA
5C
Latch-up Current at TA = 27°C
positive
negative
ILAT
+200
–200
–mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com