| Electronic Components Datasheet Search |
|
HCS12COREUG Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc |
|
80 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 5.3 Effects of Reset When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the respective module Block User Guides for register reset states. 5.3.1 I/O pins Refer to the HCS12 Core User Guides for mode dependent pin configuration of port A, B, E and K out of reset. Refer to the PIM Block User Guide for reset configurations of all peripheral module ports. NOTE: For devices assembled in 112-pin LQFP packages all non-bonded out pins should be configured as outputs after reset in order to avoid current drawn from floating inputs. Refer to Table 2-1 for affected pins. $FFC8, $FFC9 Reserved $FFC6, $FFC7 CRG PLL lock I-Bit CRGINT (LOCKIE) $C6 $FFC4, $FFC5 CRG Self Clock Mode I-Bit CRGINT (SCMIE) $C4 $FFC2, $FFC3 Reserved $FFC0, $FFC1 IIC Bus I-Bit IBCR (IBIE) $C0 $FFBE, $FFBF Reserved $FFBC, $FFBD Reserved $FFBA, $FFBB EEPROM I-Bit EECTL (CCIE, CBEIE) $BA $FFB8, $FFB9 FLASH I-Bit FCTL (CCIE, CBEIE) $B8 $FFB6, $FFB7 CAN0 wake-up I-Bit CAN0RIER (WUPIE) $B6 $FFB4, $FFB5 CAN0 errors I-Bit CAN0RIER (CSCIE, OVRIE) $B4 $FFB2, $FFB3 CAN0 receive I-Bit CAN0RIER (RXFIE) $B2 $FFB0, $FFB1 CAN0 transmit I-Bit CAN0TIER (TXEIE[2:0]) $B0 $FFAE, $FFAF CAN1 wake-up I-Bit CAN0RIER (WUPIE) $AE $FFAC, $FFAD CAN1 errors I-Bit CAN1RIER (CSCIE, OVRIE) $AC $FFAA, $FFAB CAN1 receive I-Bit CAN1RIER (RXFIE) $AA $FFA8, $FFA9 CAN1 transmit I-Bit CAN1TIER (TXEIE[2:0]) $A8 $FF98 to $FFA7 Reserved $FF96, $FF97 Motor Control Timer Overflow I-Bit MCCTL1 (MCOCIE) $96 $FF9E to $FF95 Reserved $FF8C, $FF8D PWM Emergency Shutdown I-Bit PWMSDN(PWMIE) $8C $FF80 to $FF8B Reserved Table 5-1 Reset and Interrupt Vector Table Vector Address Interrupt Source CCR Mask Local Enable HPRIO Value to Elevate Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |