Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 100Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 101Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 102Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 103Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 104Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
A.2.3 ATD accuracy
Table A-10 specifies the ATD conversion performance excluding any errors due to current injection,
input capacitance and source resistance.
For the following definitions see also Figure A-1.
Differential Non-Linearity (DNL) is defined as the difference between two adjacent switching steps.
The Integral Non-Linearity (INL) is defined as the sum of all DNLs:
Table A-10 ATD Conversion Performance
Conditions are shown in Table A-4 unless otherwise noted
VREF = VRH – VRL = 5.12V. Resulting to one 8 bit count = 20mV and one 10 bit count = 5mV
fATDCLK = 2.0MHz
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P 10-Bit Resolution
LSB
5
mV
2
P 10-Bit Differential Nonlinearity
DNL
–1
1
Counts
3
P 10-Bit Integral Nonlinearity
INL
–2.5
±1.5
2.5
Counts
4P 10-Bit Absolute Error1
NOTES:
1. These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–3
±2.0
3
Counts
5
P 8-Bit Resolution
LSB
20
mV
6
P 8-Bit Differential Nonlinearity
DNL
–0.5
0.5
Counts
7
P 8-Bit Integral Nonlinearity
INL
–1.0
±0.5
1.0
Counts
8P 8-Bit Absolute Error1
AE
–1.5
±1.0
1.5
Counts
DNL i
()
V
i
V
i1
–
–
1LSB
------------------------
1
–
=
INL n
()
DNL i
()
i1
=
n
∑
V
n
V
0
–
1LSB
--------------------
n
–
==
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com