Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 120Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 121Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 122Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 123Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 124Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 125Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 126Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 127Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
32
D NOACC hold time
tNOH
2ns
33
D IPIPO[1:0] delay time
tP0D
27
ns
34
D IPIPO[1:0] valid time to E rise (PWEL–tP0D)tP0V
22
ns
35
D IPIPO[1:0] delay time1 (PWEH–tP1V)
tP1D
225
ns
36
D IPIPO[1:0] valid time to E fall
tP1V
22
ns
NOTES:
1. Affected by clock stretch: add N x tcyc where N=0,1,2 or 3, depending on the number of clock stretches.
Table A-20 Expanded Bus Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted, CLOAD = 50pF
Num C
Rating
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com