| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 36 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 36 Page - Exar Corporation |
|
36 / 109 page ![]() XRT79L71 33 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE REV. 1.0.0 PIN # NAME TYPE DESCRIPTION RECEIVE SYSTEM SIDE INTERFACE PINS A4 RxAIS/ RxNib_2/ RxHDLCDat_2 O Receive AIS Pattern Indicator/Receive Nibble Output Interface - Bit 2/ Receive HDLC Controller Data Bus - Bit 2 output pin: The function of this output pin depends upon whether the XRT79L71 has been configured to operate in the Clear-Channel Framer/Nibble-Parallel Interface Mode, the High-Speed HDLC Controller Mode, or in the other modes. Other Modes - RxAIS - AIS Defect Indicator Output Pin: This output pin is driven "High" whenever the Receive DS3/E3 Framer block has detected and is currently declaring the AIS (Alarm Indicator Signal) defect. Clear-Channel Framer/Nibble-Parallel Interface Mode - RxNib_2: If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this output pin will function as the bit 2 output from the Receive Nibble-Parallel out- put interface. The Receive Payload Data Output Interface block will output this signal (along with RxNib_0, RxNib_1, and RxNib_3) upon the rising edge of the RxClk output signal. High-Speed HDLC Controller Mode - Receive High Speed HDLC Controller Output Interface Block - Data Bus Output Pin #2 - RxHDLCDat_2: This output pin along with RxHDLCDat_[7:3] and RxHDLCDat_[1:0] functions as the Receive High-Speed HDLC Controller Output Interface byte wide output data bus. The Receive High-Speed HDLC Controller outputs the contents of all HDLC frames and flag sequence octets via this output data bus, upon the rising edge of the RxHDLCClk output signal. Hence, the user's System-Side terminal equipment should be designed/configured to sample this data upon the falling edge of the RxHDLCClk output clock signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |