Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 70Page - Exar Corporation XRT79L71 Datasheet HTML 71Page - Exar Corporation XRT79L71 Datasheet HTML 72Page - Exar Corporation XRT79L71 Datasheet HTML 73Page - Exar Corporation XRT79L71 Datasheet HTML 74Page - Exar Corporation XRT79L71 Datasheet HTML 75Page - Exar Corporation XRT79L71 Datasheet HTML 76Page - Exar Corporation XRT79L71 Datasheet HTML 77Page - Exar Corporation XRT79L71 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
XRT79L71
71
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
comes with a LAPD Controller/Transmitter (not to be confused with the Transmit High-Speed HDLC Controller)
and 90 bytes of on-chip RAM (for storage of outbound PMDL Messages) prior to transmission.
The Transmit DS3/E3 Framer Block
The purpose of the Transmit DS3/E3 Framer block is to perform the following functions.
• To accept PPP packet and Flag Sequence octets from the Transmit PPP Packet Processor block and to map
all of this data into the payload bits within each outbound DS3 or E3 frame.
• To transmit the resulting framed DS3 or E3 data-stream to the Transmit DS3/E3 LIU Block. In this case, the
user can also configure the Transmit DS3/E3 Framer block to do the following.
a. Transmit an AIS Pattern (upon software command)
b. Transmit a DS3 Idle Pattern (upon software command)
c. Automatically transmit the FERF/RDI whenever the Receive DS3/E3 Framer block (within the very same
XRT79L71) declares the LOS, LOF/OOF or AIS defect conditions.
d. Automatically transmit the FEBE/REI indicator whenever the Receive DS3/E3 Framer block detects CP-
bit or Framing bit errors within the incoming DS3 data-stream (for DS3, C-bit Parity Applications only)
e. Automatically transmit the FEBE/REI indicator whenever the Receive DS3/E3 Framer block detects BIP-
8 errors within the incoming E3 data-stream (for E3, ITU-T G.832 Applications).
The Transmit DS3/E3 LIU Block
The purpose of the Transmit DS3/E3 LIU Block is to accept the outbound DS3/E3 data-stream from the
Transmit DS3/E3 Framer block and to perform the following functions on this data.
• Encode this data into the B3ZS Line Code (for DS3 Applications) or the HDB3 Line Code (for E3
Applications)
• To convert this outbound DS3 or E3 data-stream into a DS3/E3 line signal and transmit this signal to the
remote terminal equipment
• To generate and transmit DS3 pulses that comply with the Isolated Pulse Template requirements per
Bellcore GR-499-CORE
• To generate and transmit E3 pulses that comply with the ITU-T G.703 Pulse Template requirements for E3
Applications.
The Receive DS3/E3 LIU Block
The purpose of the Receive DS3/E3 LIU Block is to receive a DS3/E3 line signal from the remote terminal
equipment, and perform the following operations on this incoming line signal.
• To decode this incoming signal from the B3ZS Line Code (for DS3 Applications) or from the HDB3 Line Code
(for E3 Applications) into a binary data-stream
• To route this binary data-stream to the Receive DS3/E3 Framer block for further processing
• To insure that the XRT79L71 meets all of the following Receive requirements.
a. The Receive Sensitivity requirements for DS3 Applications (e.g., able to receive a DSX-3 type of signal
through at least 450 feet of cable loss)
b. The Receive Sensitivity requirements for E3 Applications (e.g., able to receive a E3 siganl over 12dB of
cable loss)
c. To comply with the Category I and II Jitter Tolerance Requirements per Bellcore GR-499-CorE (for DS3
Applications)
d. To comply with the Jitter Tolerance Requirements per ITU-T G.823 (for E3 Applications)
e. To comply with the Interference Margin Requirements of 20dB, per ITU-T G.703 (for E3 Applications).
The Receive DS3/E3 Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com