Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 45Page - Exar Corporation XRT79L71 Datasheet HTML 46Page - Exar Corporation XRT79L71 Datasheet HTML 47Page - Exar Corporation XRT79L71 Datasheet HTML 48Page - Exar Corporation XRT79L71 Datasheet HTML 49Page - Exar Corporation XRT79L71 Datasheet HTML 50Page - Exar Corporation XRT79L71 Datasheet HTML 51Page - Exar Corporation XRT79L71 Datasheet HTML 52Page - Exar Corporation XRT79L71 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
XRT79L71
46
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
K4
RxTSX/
RxPSOF
O
Receive - Change of Port Indicator Output/Receive - Start of PPP Packet in
Chunk Mode:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Packet Mode or Cell-Chunk Mode.
Packet Mode - RxTSX - Receive POS-PHY Interface - Change of Port Indi-
cator Output (POS-PHY Level 3, Packet Mode Only):
The XRT79L71 pulses this output pin "High" when an in-band port address is
present on the RxPData[15:11] output pins.
When this output pin is "High", the value of RxPData[15:11] is the address value
of the RxFIFO to be selected. This is an indication (to the Link Layer Proces-
sor) that subsequent read operations, from RxPData[15:0] will be from the
RxFIFO (or Receive POS-PHY Port) corresponding to this particular in-band
address.
NOTE:
In order to avoid Receive POS-PHY Interface bus contentions, we
advise that the user avoid configuring the XRT79L71 in the POS-PHY
Level 3 Mode.
Chunk Mode - RxPSOF - Receive Start of Packet Output Indicator:
The XRT79L71 pulses this output pin "High" in order to indicate that the first
byte (or word) of a given Packet is placed on the RxPData[15:0] pins.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in the POS-PHY Level 3, Packet Mode or in the Chunk Mode.
H4
RxUEN/
RxPEN
I
Receive UTOPIA Interface - Output Enable/Receive POS-PHY Interface -
Output Enable:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP mode.
ATM UNI Mode - RxUEN - Receive UTOPIA Interface - Read/Output Enable
Input pin:
This active-"Low" input signal is used to control the drivers of the Receive UTO-
PIA Data Bus. When this signal is "High" (negated) then the Receive UTOPIA
Data Bus is tri-stated. When this signal is asserted (e.g., pulled to a logic "Low"
level), then the contents of the byte or word that is at the front of the RxFIFO will
be popped and placed on the Receive UTOPIA Data bus on the very next rising
edge of RxUClk.
PPP Mode - RxPEN - Receive POS-PHY Interface - Read/Output Enable
Input pin:
This active-"Low" input signal is used to control the drivers of the Receive POS-
PHY Data Bus. When this signal is "High" (negated) then the Receive POS-
PHY Data Bus is tri-stated. When this signal is asserted, then the contents of
the byte or word that is at the front of the RxFIFO will be popped and placed on
the Receive POS-PHY Data bus on the very next rising edge of RxPClk.
NOTE: The user should tie these input pins to GND, to operate the XRT79L71
in either the Clear-Channel Framer or High-Speed HDLC Controller
Modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com