Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 59Page - Exar Corporation XRT79L71 Datasheet HTML 60Page - Exar Corporation XRT79L71 Datasheet HTML 61Page - Exar Corporation XRT79L71 Datasheet HTML 62Page - Exar Corporation XRT79L71 Datasheet HTML 63Page - Exar Corporation XRT79L71 Datasheet HTML 64Page - Exar Corporation XRT79L71 Datasheet HTML 65Page - Exar Corporation XRT79L71 Datasheet HTML 66Page - Exar Corporation XRT79L71 Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
XRT79L71
60
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
NOTE: The Receive FEAC Controller Block is only active if the XRT79L71 is configured to operate in the DS3, C-bit Parity
Framing format.
The Receive LAPD Controller Block
The purpose of the Receive LAPD Controller block is to permit the user to receive LAPD/PMDL (Path
Maintenance Data Link) Messages from the remote terminal equipment. The Receive LAPD Controller block
comes with a Receive LAPD Controller and 90 bytes of on-chip RAM (for storage of inbound PMDL Messages)
after reception.
The Receive Payload Data Output Interface Block
The purpose of the Receive Payload Data Output Interface block is to output payload data (within the incoming
DS3 or E3 data-stream) via either a Serial or Nibble-Parallel interface, and to route this data to the off-chip
System-Side Terminal Equipment.
The Receive Overhead Data Output Interface Block
The purpose of the Receive Overhead Data Output Interface block is to permit the user to extract out the
overhead bits (within the incoming DS3/E3 data-stream) and to route this data to some off-chip System-Side
Terminal Equipment circuitry.
A MORE DETAILED FUNCTIONAL/ARCHITECTURAL DESCRIPTION FOR CLEAR-CHANNEL FRAMER
MODE
BRIEF FUNCTIONAL ARCHITECTURE DESCRIPTION OF THE XRT79L71 - HIGH-SPEED HDLC
CONTROLLER OVER DS3/E3 MODE
If the XRT79L71 has been configured to operate in the High-Speed HDLC Controller over DS3/E3 Mode, then
it will have the Functional Architecture as is presented below in Figure 3.
Figure 3 indicates that the XRT79L71 consists of the following functional blocks.
FIGURE 3. THE FUNCTIONAL BLOCK DIAGRAM OF THE XRT79L71 WHEN IT HAS BEEN CONFIGURED TO OPERATE IN
THE
HIGH-SPEED HDLC CONTROLLER OVER DS3/E3 MODE
Transmit
HDLC Controller
Block
Transmit DS3/E3
Framer Block
Transmit
DS3/E3
LIU Block
Transmit
DS3/E3
LIU Block
Receive
DS3/E3
LIU Block
Receive
DS3/E3
LIU Block
Receive DS3/E3
Framer Block
Receive
HDLC
Controller
Block
Microprocessor
Interface
MOTO
D[7:0]
A[8:0]
IntB*
CSB*
RdB_DS
WrB_RW
Rdy_Dtck
Reset*
ALE_AS
TTIP
TRING
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
TxHDLCDat[7:0]
TxHDLCClk
SEND_MSG
SEND_FCS
RxHDLCDat[7:0]
RxHDLCClk
VAL_FCS
IDLE_FLAG
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
RRING
RTIP
Only one JA exists.
Can be configured in
Tx or Rx Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com