Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 67Page - Exar Corporation XRT79L71 Datasheet HTML 68Page - Exar Corporation XRT79L71 Datasheet HTML 69Page - Exar Corporation XRT79L71 Datasheet HTML 70Page - Exar Corporation XRT79L71 Datasheet HTML 71Page - Exar Corporation XRT79L71 Datasheet HTML 72Page - Exar Corporation XRT79L71 Datasheet HTML 73Page - Exar Corporation XRT79L71 Datasheet HTML 74Page - Exar Corporation XRT79L71 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
XRT79L71
68
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
• To detect and flag B1 byte errors
• To detect and flag PLCP FEBE/REI events
• To extract out the payload data from incoming PLCP frame (which consists of ATM cells) and to route this
data to the Receive ATM Cell Processor block for further processing
• Can be by-passed for Direct-Mapped ATM Applications
The Receive LAPD Controller Block
The purpose of the Receive LAPD Controller block is to permit the user to receive LAPD/PMDL (Path
Maintenance Data Link) Messages from the remote terminal equipment. The Receive LAPD Controller block
comes with a Receive LAPD Controller (not to be confused with the Receive High-Speed HDLC Controller
block) and 90 bytes of on-chip RAM (for storage of inbound PMDL Messages) after reception.
The Receive SSM Controller Block (E3, ITU-T G.832 Applications Only)
The Receive Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only)
The Receive FEAC Controller Block (DS3, C-bit Parity Applications Only)
The purpose of the Receive FEAC Controller block is to permit the user to receive FEAC (Far-End Alarm &
Control) Messages from the remote terminal equipment.
NOTE: The Receive FEAC Controller block is only active if the XRT79L71 is configured to operate in the DS3, C-bit Parity
Framing format.
The Receive ATM Cell Processor Block
The purpose of the Receive ATM Cell Processor block is to extract out the data (being carried by the incoming
DS3/E3 frame or PLCP frame data-stream) and to perform the following operations on it.
• Cell Delineation
• HEC Byte Verification
• User and Idle Cell Filtering
• To receive cells with user-specified header bytes and to load them into the Receive Cell Extraction Memory
Buffer (where they can be read out and accessed via the Microprocessor Interface)
• To read out a user-specified ATM cell (which is residing in the Receive Cell Insertion Buffer) and to insert this
cell into the Receive ATM Cell traffic
• To route all filtered cells to the RxFIFO (where it will be made available to the ATM Layer Processor via the
Receive UTOPIA Interface block)
The Receive Overhead Data Output Interface block
The purpose of the Receive Overhead Data Output Interface block is to permit the user to extract out the
overhead bits (within the incoming DS3/E3 data-stream) and to route this data to some off-chip System-Side
Terminal Equipment circuitry.
The Receive UTOPIA Interface block
The purpose of the Receive UTOPIA Interface block is to provide a standard UTOPIA Level 1, 2 or 3 interface
to the ATM Layer Processor, for reading out the contents of all ATM cells that are written into the RxFIFO.
The Receive UTOPIA Interface block can be configured to operate with either an 8 or 16-bit wide Receive
UTOPIA Data bus.
NOTE: The Receive UTOPIA Interface block supports UTOPIA Level 3 from a signaling stand-point. The Receive UTOPIA
Interface block (within the XRT79L71) still only supports a 16-bit wide (not 32-bit wide) UTOPIA Bus and only
operates up to 50MHz (not 100MHz).
A MORE DETAILED FUNCTIONAL/ARCHITECTURAL DESCRIPTION FOR THE ATM UNI MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com