Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 40Page - Exar Corporation XRT79L71 Datasheet HTML 41Page - Exar Corporation XRT79L71 Datasheet HTML 42Page - Exar Corporation XRT79L71 Datasheet HTML 43Page - Exar Corporation XRT79L71 Datasheet HTML 44Page - Exar Corporation XRT79L71 Datasheet HTML 45Page - Exar Corporation XRT79L71 Datasheet HTML 46Page - Exar Corporation XRT79L71 Datasheet HTML 47Page - Exar Corporation XRT79L71 Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
XRT79L71
41
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
A6
RxPOH_Clk/
RxClk/
RxNibClk
O
Receive PLCP Path Overhead Serial Port Clock output/Receive Nibble-
Parallel Output port clock/Receive Serial Clock output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM/PLCP Mode or the Clear-Channel Framer
Mode.
ATM/PLCP Mode - RxPOH_Clk:
This output clock pin along with RxPOH, RxPOHFrame and RxPOHIns pins
comprise the Receive PLCP Frame POH Byte serial output port. All POH (Path
Overhead) data that is output via the RxPOH output pin is updated on the rising
edge of this clock signal.
NOTE: This output signal is inactive if the XRT79L71 has been configured to
operate in the Direct-Mapped ATM Mode.
Clear-Channel Framer Mode - RxClk:
This output pin is active whenever the XRT79L71 has been configured to oper-
ate in either the Serial or Nibble Parallel Mode, as is described below.Clear-
Channel Framer/Serial Mode - RxClkIn this serial mode, this output is a
44.736MHz clock output signal (for DS3 applications) or 34.368MHz clock out-
put signal (for E3 applications). The Receive Payload Data Output Interface will
update the data via the RxSer output pin, upon the rising edge of this clock sig-
nal.
The user is advised to design (or configure) the System-Side terminal equip-
ment to sample the RxSer data, upon the falling edge of this clock signal.
Clear-Channel Framer/Nibble-Parallel Mode - RxNibClk:
In the Nibble-Parallel Mode, the XRT79L71 will derive this clock signal from the
RxLineClk signal. The XRT79L71 will pulse this clock signal 1176 times for
each inbound DS3 frame or 1074 times for each inbound E3/ITU-T G.832 frame
or 384 times for each inbound E3/ITU-T G.751 frame. The Receive Payload
Data Output Interface block will update the data on the RxNib[3:0] output upon
the falling edge of this clock signal.
The user is advised to design (or configure) the System-Side terminal equip-
ment to sample the data on the RxNib[3:0] output pins, upon the rising edge of
this clock signal.
C4
RxPOHFrame
O
Receive PLCP Frame POH Serial Output Port - Frame Indicator:
This output pin along with the RxPOH RxPOHClk and RxPOHIns pins comprise
the Receive PLCP Frame POH Byte serial output port. This output pin provides
framing information to external circuitry receiving and processing this POH
(Path Overhead) data, by pulsing "High" whenever the first bit of the Z6 byte is
being output via the RxPOH output pin. This pin is "Low" at all other times dur-
ing this PLCP POH Framing cycle.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in the ATM/PLCP Modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com