Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 41Page - Exar Corporation XRT79L71 Datasheet HTML 42Page - Exar Corporation XRT79L71 Datasheet HTML 43Page - Exar Corporation XRT79L71 Datasheet HTML 44Page - Exar Corporation XRT79L71 Datasheet HTML 45Page - Exar Corporation XRT79L71 Datasheet HTML 46Page - Exar Corporation XRT79L71 Datasheet HTML 47Page - Exar Corporation XRT79L71 Datasheet HTML 48Page - Exar Corporation XRT79L71 Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
XRT79L71
42
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
C6
RxPFrame/
RxOHInd
O
Receive PLCP Frame Indicator/Receive Overhead Indicator Output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM/PLCP, the Clear-Channel Framer/Serial or the
Clear-Channel Framer/Nibble-Parallel Modes.
ATM/PLCP Mode - RxPFrame - Receive PLCP Frame Indicator Output:
This output pin pulses "High" when the Receive PLCP Processor is receiving
the last bit of a PLCP frame.
NOTE: This output pin is inactive if the XRT79L71 is configured to operate in the
Direct-Mapped ATM Mode.
Clear-Channel Framer/Serial Mode - RxOHInd RxOHInd - Receive Over-
head Indicator Output:
This output pin pulses "High" for one bit-period whenever an overhead bit is
being output via the RxSer output pin, by the Receive Payload Data Output
Interface block.
NOTE: If the user configures the Receive Payload Data Output Interface block
to operate in the Gapped-Clock Mode, then this output pin will provide a
demand clock to the System-Side terminal equipment In the Gapped-
Clock Mode, this output pin will only provide a clock pulse, whenever a
payload bit is being output via the RxSer output pin. This output pin will
NOT generate a clock pulse, whenever an overhead is being output via
the RxSer output pin.
Clear-Channel Framer/Nibble-Parallel - RxOHInd RxOHInd - Receive Over-
head Indicator Output:
This output pin pulse "High" for one nibble-period whenever an overhead nibble
is being output via the RxNib[3:0] output pins by the Receive Payload Data Out-
put Interface block.
NOTES:
1.
1.If the XRT79L71 has been configured to operate in both the DS3 and
the Nibble-Parallel Modes, then the RxOHInd output pin will be in-
active and will pulled "Low" at all times.
2.
If the XRT79L71 has been configured to operate in both the E3 and
the Nibble-Parallel Mode, then the RxOHInd output pin will be active
and will pulse "High" to denote overhead nibbles.
3.
The purpose of this output pin is to alert the System-Side terminal
equipment that an overhead bit (or nibble) is being output via the
RxSer or RxNib[3:0] output pins and that this data should be ignored.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com