| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 64 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 64 Page - Exar Corporation |
|
64 / 109 page ![]() XRT79L71 61 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE REV. 1.0.0 • The Transmit High-Speed HDLC Controller Block • The Transmit LAPD Controller Block • The Transmit FEAC Controller Block (DS3 Applications only) • The Transmit Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications only) • The Transmit SSM Controller Block (E3, ITU-T G.832 Applications only) • The Transmit DS3/E3 Framer Block • The Transmit DS3/E3 LIU Block • The Receive DS3/E3 LIU Block • The Receive DS3/E3 Framer Block • The Receive Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications only) • The Receive SSM Controller Block (E3, ITU-T G.832 Applications only) • The Receive FEAC Controller Block (DS3 Applications only) • The Receive LAPD Controller Block • The Receive High-Speed HDLC Controller Block Each of these functional blocks is briefly discussed below. These functional blocks will also be discussed in considerable detail throughout this data sheet. The Transmit High-Speed HDLC Controller Block The purpose of the Transmit High-Speed HDLC Controller block is to perform the following tasks. • To accept user payload data, in a byte-wide manner (via an 8-bit wide Input Data Bus) • To (while accepting this user payload data, via this byte-wide interface, encapsulate this user data into an HDLC frame) • To generate and transmit a repeating string of Flag Sequence octets (0x7E), whenever the Transmit High- Speed HDLC Controller block is not accepting nor processing user data • To route these outbound HDLC frames and Flag Sequence octets to the Transmit DS3/E3 Framer block for further processing. NOTES: 1. Whenever the XRT79L71 has been configured to operate in the High-Speed HDLC Controller Mode, then the role of the Transmit Payload Data Input Interface block will be replaced by the Transmit High-Speed HDLC Controller block. 2. The Transmit High Speed HDLC Controller block should NOT be confused with the Transmit LAPD Controller block (which also exists within the XRT79L71). The Transmit Overhead Data Input Interface block (not shown in Figure 3) If the XRT79L71 has been configured to operate in the High-Speed HDLC Controller Mode, then the Transmit Overhead Data Input Interface block will be disabled. The Transmit LAPD Controller Block The purpose of the Transmit LAPD Controller block is to permit the user to transmit LAPD/PMDL (Path Maintenance Data Link) Messages to the remote terminal equipment. The Transmit LAPD Controller block comes with a LAPD Controller/Transmitter (not to be confused with the Transmit High-Speed HDLC Controller) and 90 bytes of on-chip RAM (for storage of outbound PMDL Messages) prior to transmission. The Transmit FEAC Controller Block (DS3 Applications only) The purpose of the Transmit FEAC Controller block is to permit the user to transmit FEAC (Far-End Alarm & Control) Messages to the remote terminal equipment. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |