| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 72 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 72 Page - Exar Corporation |
|
72 / 109 page ![]() XRT79L71 69 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE REV. 1.0.0 The Functional/Architectural Description of the XRT79L71, when configured to operate in the ATM UNI Mode, can be found in Section _, within the document entitled: 79L71_Arch_Descr_ATM.pdf - Architectural/Functional Description of the XRT79L71 1-Channel DS3/E3 ATM UNI/PPP/Clear-Channel Framer with LIU IC - ATM UNI Mode Applications. page 13 FUNCTIONAL ARCHITECTURE/DESCRIPTION OF THE XRT79L71 - PPP OVER DS3/E3 MODE If the XRT79L71 has been configured to operate in the PPP over DS3/E3 Mode, then it will have the Functional Architecture as is presented below in Figure 5. Figure 5 indicates that the XRT79L71 consists of the following functional blocks. • The Transmit POS-PHY Interface block • The Transmit Overhead Data Input Interface block • The Transmit PPP Packet Processor Block • The Transmit FEAC Controller Block (DS3, C-bit Parity Applications Only) • The Transmit Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only) • The Transmit SSM Controller Block (E3, ITU-T G.832 Applications Only) • The Transmit LAPD Controller Block • The Transmit DS3/E3 Framer Block • The Transmit DS3/E3 LIU Block • he Receive DS3/E3 LIU Block • The Receive DS3/E3 Framer Block • The Receive LAPD Controller Block • The Receive SSM Controller Block (E3, ITU-T G.832 Applications Only) • The Receive Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only) • The Receive FEAC Controller Block (DS3, C-bit Parity Applications Only) • The Receive PPP Packet Processor Block FIGURE 5. THE FUNCTIONAL BLOCK DIAGRAM OF THE XRT79L71 WHEN IT HAS BEEN CONFIGURED TO OPERATE IN THE PPP OVER DS3/E3 MODE Tx POS-PHY Interface Block Tx POS-PHY Interface Block Rx POS-PHY Interface Block Rx POS-PHY Interface Block Tx PPP Packet Processor Block Tx PPP Packet Processor Block Rx PPP Packet Processor Block Rx PPP Packet Processor Block Rx DS3/E3 Framer Block Rx DS3/E3 Framer Block Tx DS3/E3 Framer Block Tx DS3/E3 Framer Block Rx DS3/E3 LIU Block Rx DS3/E3 LIU Block Tx DS3/E3 LIU Block Tx DS3/E3 LIU Block DS3/E3 Jitter Attenuator Block DS3/E3 Jitter Attenuator Block DS3/E3 Jitter Attenuator Block DS3/E3 Jitter Attenuator Block Only one JA exists. Can be configured in Tx or Rx Path |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |