| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 38 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 38 Page - Exar Corporation |
|
38 / 109 page ![]() XRT79L71 35 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE REV. 1.0.0 D6 RxOOF/ RxNib_1/ RxHDLCDat_1 O Receive Out of Frame Defect Indicator/Receive Nibble Interface Output pin - Bit 1/Receive HDLC Controller Data Bus Output pin - Bit 1: The function of this output pin depends upon whether the XRT79L71 has been configured to operate in the Clear-Channel Framer/Nibble-Parallel Mode or the High-Speed HDLC Controller Mode. Clear-Channel Framer/Nibble-Parallel Mode - RxNib_1: The XRT79L71 will output Received data from the remote terminal equipment to the System-Side terminal equipment via this pin, along with RxNib_0, RxNib_2 and RxNib_3: This particular output pin functions as the LSB. The data at this pin is updated on the rising edge of the RxClk output signal. Hence, the user's System-Side terminal equipment should sample this signal upon the falling edge of RxClk. High-Speed HDLC Controller Mode - Receive High Speed HDLC Controller Output Interface Block - Data Bus Output Pin #1 - RxHDLCDat_1: This output pin along with RxHDLCDat_[7:2] and RxHDLCDat_0 functions as the Receive High-Speed HDLC Controller Output Interface byte wide output data bus. The Receive High-Speed HDLC Controller will output the contents of all HDLC frames and flag sequence octets via this output data bus, upon the ris- ing edge of the RxHDLCClk output signal. Hence, the user's System-Side ter- minal equipment should be designed/configured to sample this data upon the falling edge of the RxHDLCClk output clock signal. All other Modes - RxOOF - OOF Defect Indicator Output pin: The Receive DS3/E3 Framer will assert this output signal whenever it has declared the Out of Frame (OOF) defect condition with the incoming DS3 or E3 frames. This signal is negated when the Receive DS3/E3 Framer block re- acquires DS3 or E3 frame synchronization and clears the OOF defect condition. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |