Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 89 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 89 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 85Page - Exar Corporation XRT79L71 Datasheet HTML 86Page - Exar Corporation XRT79L71 Datasheet HTML 87Page - Exar Corporation XRT79L71 Datasheet HTML 88Page - Exar Corporation XRT79L71 Datasheet HTML 89Page - Exar Corporation XRT79L71 Datasheet HTML 90Page - Exar Corporation XRT79L71 Datasheet HTML 91Page - Exar Corporation XRT79L71 Datasheet HTML 92Page - Exar Corporation XRT79L71 Datasheet HTML 93Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
XRT79L71
86
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
MICROPROCESSOR INTERFACE TIMING - IDT3051/52 MODE
NOTE: The values for "t0" through "t11" can be found in
Table 11.
t11
Clock high to pOE_L low
11
-
-
t12
Clock high to pOE_L high
1.5
-
4.1
FIGURE 12. SYNCHRONOUS MODE 4 - IDT 3051/52 INTERFACE TIMING (WRITE CYCLE)
TABLE 10: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE, WHEN CONFIGURED TO OPERATE IN THE
IBM POWER PC403 MODE
Test Conditions: TA = 25°C, VCC = 3.3V±5% and 2.5V±5%, unless otherwise specified.
TIMING
DESCRIPTION
MIN.TYP.MAX.
pCLK
pCS_L
pA[14:0]
pD[7:0]
pRdy_L
pWR_L
pRD_L
t0
t1
t2
t3
t4
t5
t6
Data
pDBEN_L
pALE
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com