Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 37Page - NXP Semiconductors SC68C198 Datasheet HTML 38Page - NXP Semiconductors SC68C198 Datasheet HTML 39Page - NXP Semiconductors SC68C198 Datasheet HTML 40Page - NXP Semiconductors SC68C198 Datasheet HTML 41Page - NXP Semiconductors SC68C198 Datasheet HTML 42Page - NXP Semiconductors SC68C198 Datasheet HTML 43Page - NXP Semiconductors SC68C198 Datasheet HTML 44Page - NXP Semiconductors SC68C198 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
376
DC ELECTRICAL SPECIFICATIONS (26L198 and 68L198)
VCC = 3.3 V ±10%, 0° to 70°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low voltage
VSS
0.7
V
VIH
Input high voltage (except X1/CLK)
2.0
VCC
V
VIH
Input high voltage (X1/CLK)
0.8 VCC
VCC
V
VOL
VOH
Output low voltage (except OD outputs)
Output high voltage (except OD outputs)
IOL = 5.0mA
IOH = -400µA
IOH = -100µA
0.8VCC
0.9VCC
0.4
V
VOL
Open drain low voltage
IOL = 10.0mA
0.4
V
IIL
IIH
Input current low, I/O pins
Input current high, I/O pins
VIN = 0
VIN = VCC
-5
5
µA
II
Input leakage current
VIN = 0 to VCC
-5
5
µA
IIKX1
IIHX1
X1/CLK input low current
X1/CLK input high current
VIN=GND,X2=Open
VIN=VCC, X2=Open
-50
+50
µA
IOZH
IOZL
Output off current high, 3-state data bus
Output off current low, 3-state data bus
VIN = VCC
VIN = 0
-5
5
µA
IODL
IODH
Open-drain output low current in off state
Open drain output high current in off state
VIN = VCC
VIN = VCC
-5
5
µA
ICC
Power supply current
Operating mode
Power down mode (no clocks operating)
TTL Input levels
CMOS input levels
CMOS input levels
22
12
1
35
20
30
mA
mA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com