Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors SC68C198 Datasheet HTML 36Page - NXP Semiconductors SC68C198 Datasheet HTML 37Page - NXP Semiconductors SC68C198 Datasheet HTML 38Page - NXP Semiconductors SC68C198 Datasheet HTML 39Page - NXP Semiconductors SC68C198 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
371
A(7:0)
Read
Write
UART E
11000000 (xC0)
Mode Register e (MR2e)
Mode Register e (MR2e)
11000001 (xC1)
Status Register e (SRe)
Command Register e (CRe)
11000010 (xC2)
Interrupt Status Register e (ISRe)
Interrupt Mask Register e (IMRe)
11000011 (xC3)
Receiver FIFO Reg e (RxFIFOe)
Transmitter FIFO Reg e (TxFIFOe)
11000100 (xC4)
Input Port Reg e (IPRe)
Reserved
11000101 (xC5)
I/O Port Interrupt and Output e (I/OPIORe)
I/O Port Interrupt and Output e (I/OPIORe)
11000110 (xC6)
Xon/XoffInterrupt Status Reg e (XISRe)
Reserved
11000111 (xC7)
Reserved
Reserved
11001000 (xC8)
Reserved
Reserved
11001001 (xC9)
Reserved
Reserved
11001010 (xCA)
Reserved
Reserved
11001011 (xCB)
Reserved
Reserved
11001100 (xCC)
Reserved
Reserved
11001101 (xCD)
Reserved
Reserved
11001110 (xCE)
Reserved
Reserved
11001111 (xCF)
Reserved
Reserved
UART F
11010000 (xD0)
Mode Register f (MR2f)
Mode Register f (MR2f)
11010001 (xD1)
Status Register f (SRf)
Command Register f (CRf)
11010010 (xD2)
Interrupt Status Register f (ISRf)
Interrupt Mask Register f (IMRf)
11010011 (xD3)
Receiver FIFO Reg f (RxFIFOf)
Transmitter FIFO Reg f (TxFIFOf)
11010100 (xD4)
Input Port Reg f (IPRf)
Reserved
11010101 (xD5)
I/O Port Interrupt and Output f (I/OPIORf)
I/O Port Interrupt and Output f (I/OPIORf)
11010110 (xD6)
Xon/XoffInterrupt Status Reg f (XISRf)
Reserved
11010111 (xD7)
Reserved
Reserved
11011000 (xD8)
Reserved
Reserved
11011001 (xD9)
Reserved
Reserved
11011010 (xDA)
Reserved
Reserved
11011011 (xDB)
Reserved
Reserved
11011100 (xDC)
Reserved
Reserved
11011101 (xDD)
Reserved
Reserved
11011110 (xDE)
Reserved
Reserved
11011111 (xDF)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com