Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 29Page - NXP Semiconductors SC68C198 Datasheet HTML 30Page - NXP Semiconductors SC68C198 Datasheet HTML 31Page - NXP Semiconductors SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors SC68C198 Datasheet HTML 36Page - NXP Semiconductors SC68C198 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
368
UART H
01110000 (x70)
Mode Register 0 MR0h
Mode Register 0 MR0h
01110001 (x71)
Mode Register 1 MR1h
Mode Register 1 MR1h
01110010 (x72)
I/OPort Configuration Reg h I/OPCRh
I/OPort Configuration Reg h I/OPCRh
01110011 (x73)
BCRBRKh
BCRBRKh
01110100 (x74)
BCRCOSh
BCRCOSh
01110101 (x75)
Reserved
Reserved
01110110 (x76)
BCRXh
BCRXh
01110111 (x77)
BCRAh
BCRAh
01111000 (x78)
Xon Character Reg h (XonCRh)
Xon Character Reg h (XonCRh)
01111001 (x79)
Xoff Character Reg h (XoffCRh)
Xoff Character Reg h (XoffCRh)
01111010 (x7A)
Address Recognition Char h (ARCRh)
Address Recognition Char h (ARCRh)
01111011 (x7B)
Reserved
Reserved
01111100 (x7C)
Receiver Clock Select Register h (RxCSRh)
Receiver Clock Select Register h (RxCSRh)
01111101 (x7D)
Reserved
Reserved
01111110 (x7E)
Xmit Clock Select Register h (TxCSRh)
Xmit Clock Select Register h (TxCSRh)
01111111 (x7F)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com