Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 12Page - NXP Semiconductors SC68C198 Datasheet HTML 13Page - NXP Semiconductors SC68C198 Datasheet HTML 14Page - NXP Semiconductors SC68C198 Datasheet HTML 15Page - NXP Semiconductors SC68C198 Datasheet HTML 16Page - NXP Semiconductors SC68C198 Datasheet HTML 17Page - NXP Semiconductors SC68C198 Datasheet HTML 18Page - NXP Semiconductors SC68C198 Datasheet HTML 19Page - NXP Semiconductors SC68C198 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
351
REGISTER DEFINITIONS
The operation of the Octal UART is programmed by writing control
words into the appropriate registers. Operational feedback is
provided via status registers which can be read by the host CPU.
The Octal UART addressing is loosely divided, by the address bit
A(7), into two parts:
1) That part which is concerned with the configuration of the chip
interface and communication modes.
This part controls the elements of host interface setup, interrupt
arbitration, I/O Port Configuration that part of the UART channel
definitions that do not change in normal data handling. This section
is listed in the ”Register Map, Control”.
2) That part concerned with the transmission and reception of the bit
streams.
This part concerns the data status, FIFO fill levels, data error
conditions, channel status, data flow control (hand shaking). This
section is listed in the ”Register Map, Data”.
The Global Configuration Control Register (GCCR) sets the type of
bus cycle, interrupt vector modification and the power up or down
mode.
Table 2. GCCR – Global Configuration Control Register
THIS IS A VERY IMPORTANT REGISTER! IT SHOULD BE THE FIRST REGISTER ADDRESSED DURING INITIALIZATION.
Bit 7
Bit 6
Bit 5:3
Bit 2:1
Bit 0
Reserved
Sync bus cycles
Reserved
IVC, Interrupt Vector Control
Power Down Mode
Reserved
Must be set to 0
0 – async cycles
1 – Sync,
non–pipe–lined cycle
Reserved
Set to 0
00 – no interrupt vector
01 – IVR
10 – IVR + channel code
11 – IVR + interrupt type + channel code
0 – Device enabled
1 – Power down
GCCR(7): This bit is reserved for future versions of this device. If
not set to zero most internal addressing will be disabled!
GCCR(6): Bus cycle selection
Controls the operation of the host interface logic. If reset, the power
on/reset default, the host interface can accommodate arbitrarily long
bus I/O cycles. If the bit is set, the Octal UART expects four Sclk
cycle bus I/O operations similar to those produced by an i80386
processor in non–pipelined mode. The major differences in these
modes are observed in the DACKN pin function. In Sync mode, no
negation of CEN is required between cycles.
GCCR(2:1): Interrupt vector configuration
The IVC field controls if and how the assertion of IACKN (the
interrupt acknowledge pin) will form the interrupt vector for the Octal
UART. If b’00, no vector will be presented during an IACKN cycle.
The bus will be driven high (xFF). If the field contains a b’01, the
contents of the IVR, Interrupt Vector Register, will be presented as
the interrupt vector without modification. If IVC = b’10, the channel
code will replace the 3 LSBs of the IVR; if IVC = b’11 then a modified
interrupt type and channel code replace the 5 LSBs of the IVR.
Note: The modified type field IVR(4:3) is:
10
Receiver w/o error
11
Receiver with error
01
Transmitter
00
All remaining sources
GCCR(0): Power down control
Controls the power down function. During power down the internal
oscillator is disabled, interrupt arbitration and all data
transmission/reception activities cease, and all processing for input
change detection, BRG counter/timers and Address/Xon./Xoff
recognition is disabled.
Note: For maximum power savings it is recommended that all
switching inputs be stopped and all input voltage levels be within 0.5
volt of the Vcc and Vss power supply levels.
To switch from the asynchronous to the synchronous bus cycle
mode, a single write operation to the GCCR, terminated by a
negation of the CEN pin, is required. This cycle may be 4 cycles
long if the setup time of the CEN edge to Sclk can be guaranteed.
The host CPU must ensure that a minimum of two Sclk cycles
elapse before the initiation of the next (synchronous) bus cycle(s).
A hardware or software reset is recommended for the unlikely
requirement of returning to the asynchronous bus cycling mode.
MR – Mode Registers
The user must exercise caution when changing the mode of running
receivers, transmitters or BRG counter/timers. The selected mode
will be activated immediately upon selection, even if this occurs
during the reception or transmission of a character. It is also
possible to disrupt internal controllers by changing modes at critical
times, thus rendering later transmission or reception faulty or
impossible. An exception to this policy is switching from auto–echo
or remote loop back modes to normal mode. If the deselection
occurs just after the receiver has sampled the stop bit (in most
cases indicated by the assertion of the channel’s RxRDY bit) and
the transmitter is enabled, the transmitter will remain in auto–echo
mode until the end of the transmission of the stop bit.
Table 3. MR0– Mode Register 0
Bit 7
Bit 6
Bit 5:4
Bit 3:2
Bit 1:0
Xon/Xoff * transparency
Address Recognition *
transparency
TxiNT
In–band flow control mode
Address Recognition
control
0 – flow control characters
received are pushed onto
the
RxFIFO
1 – flow control characters
received are not pushed
onto the RxFIFO
0 – Address characters
received are pushed to
RxFIFO
1 – Address characters
received are not pushed
onto the RxFIFO
TxFIFO
interrupt
level
control
00 – empty
01 – 3/4 empty
10 – 1/2 empty
11 – not full
00 – host mode, only the host CPU
may initiate flow control actions
through the CR
01 – Auto Transmitter flow control
10 – Auto Receiver flow control
11 – Auto Receiver and Transmitter
flow control
00 – none
01 – Auto wake
10 – Auto doze
11 – Auto wake and
auto doze



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com