Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 26Page - NXP Semiconductors SC68C198 Datasheet HTML 27Page - NXP Semiconductors SC68C198 Datasheet HTML 28Page - NXP Semiconductors SC68C198 Datasheet HTML 29Page - NXP Semiconductors SC68C198 Datasheet HTML 30Page - NXP Semiconductors SC68C198 Datasheet HTML 31Page - NXP Semiconductors SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
365
A(7:0)
UART B
A(7:0)
Read
Write
0001 0000 (x10)
Mode Register 0 MR0b
Mode Register 0 MR0b
0001 0001 (x11)
Mode Register 1 MR1b
Mode Register 1 MR1b
0001 0010 (x12)
I/O Port Configuration Reg b I/OPCRb
I/O Port Configuration Reg b I/OPCRb
0001 0011 (x13)
BCRBRKb
BCRBRKb
0001 0100 (x14)
BCRCOSb
BCRCOSb
0001 0101 (x15)
Reserved
Reserved
0001 0110 (x16)
BCRXb
BCRXb
0001 0111 (x17)
BCRAb
BCRAb
0001 1000 (x18)
Xon Character Reg b (XonCRb)
Xon Character Reg b (XonCRb)
0001 1001 (x19)
Xoff Character Reg b (XoffCRb)
Xoff Character Reg b (XoffCRb)
0001 1010 (x1A)
Address Recognition Character b (ARCRb)
Address Recognition Character b (ARCRb)
0001 1011 (x1B)
♣ Interrupt Control Register (ICR)
Interrupt Control Register (ICR)
0001 1100 (x1C)
Receiver Clock Select Register b (RxCSRb)
Receiver Clock Select Register b (RxCSRb)
0001 1101 (x1D)
♣ Watch-dog Timer Run Control (WDTRCR)
Watch-dog Timer Run Control (WDTRCR)
0001 1110 (x1E)
Xmit Clock Select Register b (TxCSRb)
Xmit Clock Select Register b (TxCSRb)
0001 1111 (x1F)
♣ Interrupt Vector Register (IVR)
Interrupt Vector Register (IVR)
A(7:0)
UART C
A(7:0)
Read
Write
0010 0000 (x20)
Mode Register 0 MR0c
Mode Register 0 MR0c
0010 0001 (x21)
Mode Register 1
Mode Register 1 MR1c
0010 0010 (x22)
I/O Port Configuration Reg c I/OPCRc
I/O Port Configuration Reg c I/OPCRc
0010 0011 (x23)
BCRBRKc
BCRBRKc
0010 0100 (x24)
BCRCOSc
BCRCOSc
0010 0101 (x25)
Reserved
Reserved
0010 0110 (x26)
BCRXc
BCRXc
0010 0111 (x27)
BCRAc
BCRAc
0010 1000 (x28)
Xon Character Reg c (XonCRc)
Xon Character Reg c (XonCRc)
0010 1001 (x29)
Xoff Character Reg c (XoffCRc)
Xoff Character Reg c (XoffCRc)
0010 1010 (x2A)
Address Recognition Character c (ARCRc)
Address Recognition Character c (ARCRc)
0010 1011 (x2B)
Reserved
Reserved
0010 1100 (x2C)
Receiver Clock Select Register c (RxCSRc)
Receiver Clock Select Register c (RxCSRc)
0010 1101 (x2D)
Reserved
Reserved
0010 1110 (x2E)
Xmit Clock Select Register c (TxCSRc)
Xmit Clock Select Register c (TxCSRc)
0010 1111 (x2F)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com