Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 27Page - NXP Semiconductors SC68C198 Datasheet HTML 28Page - NXP Semiconductors SC68C198 Datasheet HTML 29Page - NXP Semiconductors SC68C198 Datasheet HTML 30Page - NXP Semiconductors SC68C198 Datasheet HTML 31Page - NXP Semiconductors SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
366
A(7:0)
UART D
A(7:0)
Read
Write
0011 0000 (x30)
Mode Register 0 MR0d
Mode Register 0 MR0d
0011 0001 (x31)
Mode Register 1 MR1d
Mode Register 1 MR1d
0011 0010 (x32)
I/O Port Configuration Reg d I/OPCRd
I/O Port Configuration Reg d I/OPCRd
0011 0011 (x33)
BCRBRKd
BCRBRKd
0011 0100 (x34)
BCRCOSd
BCRCOSd
0011 0101 (x35)
Reserved
Reserved
0011 0110 (x36)
BCRXd
BCRXd
0011 0111 (x37)
BCRAd
BCRAd
0011 1000 (x38)
Xon Character Reg d (XonCRd)
Xon Character Reg d (XonCRd)
0011 1001 (x39)
Xoff Character Reg d (XoffCRd)
Xoff Character Reg d (XoffCRd)
0011 1010 (x3A)
Address Recognition Character d (ARCRd)
Address Recognition Character d (ARCRd)
0011 1011 (x3B)
Reserved
Reserved
0011 1100 (x3C)
Receiver Clock Select Register d (RxCSRd)
Receiver Clock Select Register d (RxCSRd)
0011 1101 (x3D)
Reserved
Reserved
0011 1110 (x3E)
Xmit Clock Select Register d (TxCSRd)
Xmit Clock Select Register d (TxCSRd)
0011 1111 (x3F)
Reserved
Reserved
A(7:0)
Read
Write
UART E
01000000 (x40)
Mode Register 0 MR0e
Mode Register 0 MR0e
01000001 (x41)
Mode Register 1 MR1e
Mode Register 1 MR1e
01000010 (x42)
I/OPort Configuration Reg e I/OPCRe
I/OPort Configuration Reg e I/OPCRe
01000011 (x43)
BCRBRKe
BCRBRKe
01000100 (x44)
BCRCOSe
BCRCOSe
01000101 (x45)
Reserved
Reserved
01000110 (x46)
BCRXe
BCRXe
01000111 (x47)
BCRAe
BCRAe
01001000 (x48)
Xon Character Reg e (XonCRe)
Xon Character Reg e (XonCRe)
01001001 (x49)
Xoff Character Reg e (XoffCRe)
Xoff Character Reg e (XoffCRe)
01001010 (x4A)
Address Recognition Char e (ARCRe)
Address Recognition Char e (ARCRe)
01001011 (x4B)
Reserved
Reserved
01001100 (x4C)
Receiver Clock Select Register e (RxCSRe)
Receiver Clock Select Register e (RxCSRe)
01001101 (x4D)
Reserved
Reserved
01001110 (x4E)
Xmit Clock Select Register e (TxCSRe)
Xmit Clock Select Register e (TxCSRe)
01001111 (x4F)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com