Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 40Page - NXP Semiconductors SC68C198 Datasheet HTML 41Page - NXP Semiconductors SC68C198 Datasheet HTML 42Page - NXP Semiconductors SC68C198 Datasheet HTML 43Page - NXP Semiconductors SC68C198 Datasheet HTML 44Page - NXP Semiconductors SC68C198 Datasheet HTML 45Page - NXP Semiconductors SC68C198 Datasheet HTML 46Page - NXP Semiconductors SC68C198 Datasheet HTML 47Page - NXP Semiconductors SC68C198 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
379
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDS
DAKDLY
tDH
C4
DAKDLY
CEN HIGH
tCH
tRWD
tRWH
SD00194
Figure 2. Basic Write Cycle, ASYNC
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDS
DAKDLY
tDH
C4
DAKDLY
C4 END
tCH
tSTP
tRWH
SD00195
Figure 3. Basic Write Cycle, SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com