Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors SC68C198 Datasheet HTML 36Page - NXP Semiconductors SC68C198 Datasheet HTML 37Page - NXP Semiconductors SC68C198 Datasheet HTML 38Page - NXP Semiconductors SC68C198 Datasheet HTML 39Page - NXP Semiconductors SC68C198 Datasheet HTML 40Page - NXP Semiconductors SC68C198 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
372
A(7:0)
Read
Write
UART G
11100000 (xE0)
Mode Register g (MR2g)
Mode Register g (MR2g)
11100001 (xE1)
Status Register g (SRg)
Command Register g (CRg)
11100010 (xE2)
Interrupt Status Register g (ISRg)
Interrupt Mask Register g (IMRg)
11100011 (xE3)
Receiver FIFO Reg g (RxFIFOg)
Transmitter FIFO Reg g (TxFIFOg)
11100100 (xE4)
Input Port Reg g (IPRg)
Reserved
11100101 (xE5)
I/O Port Interrupt and Output g (I/OPIORg)
I/O Port Interrupt and Output g (I/OPIORg)
11100110 (xE6)
Xon/XoffInterrupt Status Reg g (XISRg)
Reserved
11100111 (xE7)
Reserved
Reserved
11101000 (xE8)
Reserved
Reserved
11101001 (xE9)
Reserved
Reserved
11101010 (xEA)
Reserved
Reserved
11101011 (xEB)
Reserved
Reserved
11101100 (xEC)
Reserved
Reserved
11101101 (xED)
Reserved
Reserved
11101110 (xEE)
Reserved
Reserved
11101111 (xEF)
Reserved
Reserved
UART H
11110000 (xF0)
Mode Register h (MR2h)
Mode Register h (MR2h)
11110001 (xF1)
Status Register h (SRh)
Command Register h (CRh)
11110010 (xF2)
Interrupt Status Register h (ISRh)
Interrupt Mask Register h (IMRh)
11110011 (xF3)
Receiver FIFO Reg h (RxFIFOh)
Transmitter FIFO Reg h (TxFIFOh)
11110100 (xF4)
Input Port Reg h (IPRh)
Reserved
11110101 (xF5)
I/O Port Interrupt and Output h (I/OPIORh)
I/O Port Interrupt and Output h (I/OPIORh)
11110110 (xF6)
Xon/XoffInterrupt Status Reg h (XISRh)
Reserved
11110111 (xF7)
Reserved
Reserved
11111000 (xF8)
Reserved
Reserved
11111001 (xF9)
Reserved
Reserved
11111010 (xFA)
Reserved
Reserved
11111011 (xFB)
Reserved
Reserved
11111100 (xFC)
Reserved
Reserved
11111101 (xFD)
Reserved
Reserved
11111110 (xFE)
Reserved
Reserved
11111111 (xFF)
Reserved
Reserved
RESET CONDITIONS
Device Configuration after Hardware Reset or CRa
cmd=x1F
Cleared registers:
Channel Status Registers (SR)
Channel Interrupt Status Registers (ISR)
Channel Interrupt Mask Registers (IMR)
Channel Interrupt Xon Status Register (XISR)
Interrupt Control Register (ICR)
Global Configuration Control Register (GCCR)
Hence the device enters the asynchronous bus cycling mode.
Current Interrupt Register (CIR)
BRG Timer Run Control Register (BRGTCR)
Watch-dog Timer Run Control Register (WDTRCR)
Channel Input/Output Port Configuration Registers (I/OPCR)
Hence all I/O pins have direction = Input after reset
BRG Counter/Timer Registers
Clears Modes for:
Power down
Test modes
Input Port Changed bits
Gang write to Xon or Xoff
Xon/Xoff/Address detection
Receiver error status
Disables:
Transmitters
Receivers
Interrupts, current and future
Halts:
BRG Counters
Bus cycle in progress (hardware RESET only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com