Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 23Page - NXP Semiconductors SC68C198 Datasheet HTML 24Page - NXP Semiconductors SC68C198 Datasheet HTML 25Page - NXP Semiconductors SC68C198 Datasheet HTML 26Page - NXP Semiconductors SC68C198 Datasheet HTML 27Page - NXP Semiconductors SC68C198 Datasheet HTML 28Page - NXP Semiconductors SC68C198 Datasheet HTML 29Page - NXP Semiconductors SC68C198 Datasheet HTML 30Page - NXP Semiconductors SC68C198 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
362
clocking mechanism that will allow the pin to change synchronously
with an internal or external stimulus. See diagram below.
Table 39. GPOSR – General Purpose Output
Select Register
GPOSR selects the signal or data source for the GOUT0 pin. The Tx
and Rx clock selection is straight forward. The selection of the
GPOR allows a more flexible timing control of when the GOUT0 pin
changes.
Bits 7:4
Bits 3:0
Reserved
Global General Purpose Output 0 Selection
0000 – 0111 reserved
1000 = TxC1x a
1001 = TxC16x a
1010 = RxC16x a
1011 = TxC16x b
1100 = GGPOR(3)
1101 = GGPOR(2)
1110 = GGPOR(1)
1111 = GGPOR(0)
Table 40. GPOR – General Purpose Output
Register
This register is a read/write register. Its contents may be altered by
a GPOR Write or by the GPOC and GPOD registers shown below.
The GPOD and GPOC may be programmed to cause the individual
bits of the GPOR to change synchronously with internal or external
events. The cells of this register may be thought of as a “Two Port
flip-flop”; one port is controlled by a D input and clock, the other by a
data load strobe. A read of the GPOR always returns its current
value regardless of the port from which it was loaded.
Bits 7:4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
GPOR(3)
GPOR(2)
GPOR(1)
GPOR(0)
Table 41. GPOC – General Purpose Output Clk
Register
This controls the clock source for GPOR that will clock and/or toggle
the data from the selected GPOD source. When code b’00 is
selected, no clock will be provided, thereby preventing any change
through the D port.
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
Clk Sel
GPOR(3)
Clk Sel
GPOR(2)
Clk Sel
GPOR(1)
Clk Sel
GPOR(0)
00 = none
01 = GIN0
10 = GIN1
11 = reserved
00 = none
01 = GIN0
10 = GIN1
11 = reserved
00 = none
01 = GIN0
10 = GIN1
11 = I/O3c
00 = none
01 = GIN0
10 = GIN1
11 = I/O3a
Table 42. GPOD – General Purpose Output Data
Register
This register selects the data that will be presented to the GPOR “D”
input. Note that selection b’10 selects the inverted GPOR data as
the input. In this case, the GPOR output will toggle synchronously
with the clock selected in the GPOC.
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
Data Sel
GPOR(3)
Data Sel
GPOR(2)
Data Sel
GPOR(1)
Data Sel
GPOR(0)
00 = ’1’
01 = ’0’
10 = GPOR3N
11 = reserved
00 = ’1’
01 = ’0’
10 = GPOR2N
11 = reserved
00 = ’1’
01 = ’0’
10 = GPOR1N
11 = I/O3d
00 = ’1’
01 = ’0’
10 = GPOR0N
11 = I/O3b
4:1 MULTIPLEX
“1”
“0”
NONE
1/O3a
D CLOCK
QN
D INPUT
DATA READ/WRITE
DATA IN/OUT
GPORON
DATA BUS
GPOR R/W
GPOR
GPOD
GPOSR
1/O3b
GIN0
GIN1
4:1 MULTIPLEX
GPO PIN
8:1 MULTIPLEX
TxC1Xa
TxC16Xa
RxC16Xa
TxC16Xb
GPOR(0)
GPOR(1)
GPOR(2)
GPOR(3)
SD00526
Figure 1. General Purpose Pin Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com