Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC68C198 Datasheet HTML 1Page - NXP Semiconductors SC68C198 Datasheet HTML 2Page - NXP Semiconductors SC68C198 Datasheet HTML 3Page - NXP Semiconductors SC68C198 Datasheet HTML 4Page - NXP Semiconductors SC68C198 Datasheet HTML 5Page - NXP Semiconductors SC68C198 Datasheet HTML 6Page - NXP Semiconductors SC68C198 Datasheet HTML 7Page - NXP Semiconductors SC68C198 Datasheet HTML 8Page - NXP Semiconductors SC68C198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
340
BLOCK DIAGRAM
Block Diagram SC26/68C198
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
FULL DUPLEX UART CHANNEL
INPUT BUFFERS AND OUTPUT DRIVERS
SD00193
As shown in the block diagram, the Octal UART consists of: an
interrupt arbiter, host interface, timing blocks and eight UART
channel blocks. The eight channels blocks operate independently,
interacting only with the timing, host I/F and interrupt blocks.
FUNCTIONAL DESCRIPTION
The SC26C198 is composed of several functional blocks:
• Synchronous host interface block
• A timing block consisting of a common baud rate generator
making 22 industry standard baud rates and 2 16–bit counters
used for non–standard baud rate generation
• 4 identical independent full duplex UART channel blocks
• Interrupt arbitration system evaluating 24 contenders
• I/O port control section and change of state detectors.
CONCEPTUAL OVERVIEW
Host Interface
The Host interface is comprised of the signal pins CEN, W/RN,
IACKN, DACKN, IRQN Sclk and provides all the control for data
transfer between the external and internal data buses of the host
and the OCTART. The host interface operates in a synchronous
mode with the system (Sclk) which has been designed for a nominal
operating frequency of 33 MHz. The interface operates in either of
two modes; synchronous or asynchronous to the Sclk However
the bus cycle within the OCTART always takes place in four Sclk
cycles after CEN is recognized. These four cycles are the C1, C2,
C3, C4 periods shown in the timing diagrams. DACKN always
occurs in the C4 time and occurs approximately 18 ns after the
rising edge of C4.
Addressing of the various functions of the OCTART is through the
address bus A(7:0). The 26C198 is compatible with the SC28L194
Quad UART in software and function. A[7], in a general sense, is
used to separate the data portion of the circuit from the control
portion.
Asynchronous bus cycle
The asynchronous mode requires one bus cycle of the chip select
(CEN) for each read or write to the chip. No more action will occur
on the bus after the C4 time until CEN is returned high.
Synchronous bus cycle
In the synchronous mode a read or write will be done every four
cycles of the Sclk. CEN does not require cycling but must remain
low to keep the synchronous accesses active. This provides a burst
mode of access to the chip.
In both cases each read or write operation(s) will be completed in
four (4) Sclk cycles. The difference in the two modes is only that the
asynchronous mode will not begin another bus cycle if the CEN
remains active after the four internal Sclk have completed. Internally
the asynchronous cycle will terminate after the four periods of Sclk
regardless of how long CEN is held active
In all cases the internal action will terminate at the withdrawal of
CEN. Synchronous CEN cycles shorter than multiples of four Sclk
cycles minus 1 Sclk and asynchronous CEN cycles shorter than four
Sclk cycles may cause short read or write cycles and produce
corrupted data transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com