Electronic Components Datasheet Search
  English  ▼

X  

SC68C198 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 31Page - NXP Semiconductors SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors SC68C198 Datasheet HTML 36Page - NXP Semiconductors SC68C198 Datasheet HTML 37Page - NXP Semiconductors SC68C198 Datasheet HTML 38Page - NXP Semiconductors SC68C198 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
370
A(7:0)
UART C
A(7:0)
Read
Write
1010 0000 (xA0)
Mode Register c (MR2c)
Mode Register c (MR2c)
1010 0001 (xA1)
Status Register c (SRc)
Command Register c (CRc)
1010 0010 (xA2)
Interrupt Status Register c (ISRc)
Interrupt Mask Register c (IMRc)
1010 0011 (xA3)
Receiver FIFO Reg c (RxFIFOc)
Transmitter FIFO Reg c (TxFIFOc)
1010 0100 (xA4)
Input Port Reg c (IPRc)
Reserved
1010 0101 (xA5)
I/O Port Interrupt and Output c (I/OPIORc)
I/O Port Interrupt and Output c (I/OPIORc)
1010 0110 (xA6)
Xon/Xoff Interrupt Status Reg c (XISRc)
Reserved
1010 0111 (xA7)
Reserved
Reserved
1010 1000 (xA8)
Reserved
Reserved
1010 1001 (xA9)
Reserved
Reserved
1010 1010 (xAA)
Reserved
Reserved
1010 1011 (xAB)
Reserved
Reserved
1010 1100 (xAC)
Reserved
Reserved
1010 1101 (xAD)
Reserved
Reserved
1010 1110 (xAE)
Reserved
Reserved
1010 1111 (xAF)
Reserved
Reserved
A(7:0)
UART D
A(7:0)
Read
Write
1011 0000 (xB0)
Mode Register d (MR2d)
Mode Register d (MR2d)
1011 0001 (xB1)
Status Register d (SRd)
Command Register d (CRd)
1011 0010 (xB2)
Interrupt Status Register d (ISRd)
Interrupt Mask Register d (IMRd)
1011 0011 (xB3)
Receiver FIFO Reg d (RxFIFOd)
Transmitter FIFO Reg d (TxFIFOd)
1011 0100 (xB4)
Input Port Reg d (IPRd)
Reserved
1011 0101 (xB5)
I/O Port Interrupt and Output d (I/OPIORd)
I/O Port Interrupt and Output d (I/OPIORd)
1011 0110 (xB6)
Xon/Xoff Interrupt Status Reg d (XISRd)
Reserved
1011 0111 (xB7)
Reserved
Reserved
1011 1000 (xBB)
Reserved
Reserved
1011 1001 (xB9)
Reserved
Reserved
1011 1010 (xBA)
Reserved
Reserved
1011 1011 (xBB)
Reserved
Reserved
1011 1100 (xBC)
Reserved
Reserved
1011 1101 (xBD)
Reserved
Reserved
1011 1110 (xBE)
Reserved
Reserved
1011 1111 (xBF)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com